PART |
Description |
Maker |
ADL5306ACP-R2 ADL5306ACP-REEL7 |
60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter SPECIALTY ANALOG CIRCUIT, QCC16
|
Analog Devices, Inc.
|
LT1812IS6TRMPBF LT1812CS6TR LT1812IS5PBF LT1812CS8 |
3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO6 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO6 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO5 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PJ-A2C00SERIES |
Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 晶体时钟振荡
|
HIROSE ELECTRIC Co., Ltd.
|
PJ-A3670SERIES |
Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 晶体时钟振荡
|
Electronic Theatre Controls, Inc.
|
AD5641BKSZ-500RL7 |
2.7 V to 5.5 V, <100 µA, 14-Bit nanoDAC, SPI Interface in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 14-BIT DAC, PDSO6
|
Analog Devices, Inc.
|
3341-6 |
3M Pak 100 Header Accessories .100?× .100?Latch/Ejector
|
3M Electronics
|
Q62702-B195 BBY35F Q62702-A775 |
From old datasheet system Silicon Tuning Varactor (Hyperabrupt junction tuning diode Frequency linear tuning range 4 12 V) Silicon Tuning Varactor (Hyperabrupt junction tuning diode Frequency linear tuning range 4 ˇ 12 V) Silicon Tuning Varactor (Hyperabrupt junction tuning diode Frequency linear tuning range 4 ?12 V) SCREWDRIVER SET, 7 PCSCREWDRIVER SET, 7 PC; Kit contents:Slotted 75 4mm, 100 5.5mm, 150 6.5mm, Parallel 75 3mm, Phillips 60 No.0, 80 No.1, 100 No.2 Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching) 硅肖特基二极管(搅拌机应用甚高频/超高频范围高速开关)
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BHR-34-HUA-LL BHR-34-VUA-LL |
.100 BOX HEADER W/LATCHES .100 X .100 [2.54 X 2.54] CENTERLINE
|
Adam Technologies, Inc.
|
2415-6272TB 2401-6112TB 2401-6113TB 2401-6122TB 24 |
100 and 100 X 100 Pin Strip Header
|
http:// 3M[3M Electronics]
|
4616-6001 4614-6001 4614-6005 4600 4616-6000 4616- |
STIFTLEISTE FLANSCH VERT STUFE2 14POL STIFTLEISTE FLANSCH VERT STUFE2 26POL STIFTLEISTE FLANSCH VERT STUFE2 50POL Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 100 X 100, Plug
|
3M[3M Electronics] Minnesota Mining and Manufacturing
|
IRF130-133 IRF131 IRF132 IRF133 IRF532 IRF533 IRF5 |
N-Channel Power MOSFETs 20 A 60-100 V N-Channel Power MOSFETs/ 20 A/ 60-100 V CAP 220PF 200V 5% NP0(C0G) DIP-2 TUBE-PAK R-MIL-PRF-39014/22 N-Channel Power MOSFETs, 20 A, 60-100 V N沟道功率MOSFET0甲,60-100 V
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
AD5641AKSZ-REEL AD5641BKSZ-500RL7 AD5641BKSZ-REEL7 |
2.7 V to 5.5 V, <100 µA, 14-Bit nanoDAC™ D/A Converter, SPI Interface, SC70 Package
|
Analog Devices
|