PART |
Description |
Maker |
MN5200 MN5200H_BCH MN5201 MN5201H_BCH MN5202 MN520 |
50μsec, 12-bit Military A/D Converters 50Usec 12-bit Military A/D Converters Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:3; Connector Shell Size:8; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 50Usec, 12-bit Military A/D Converters 50Usec2位军事的A / D转换
|
API Technologies Corp ICST[Integrated Circuit Systems]
|
MI-27T-IV MI-27T-IW MI-27T-IX MI-27T-IY MI-27T-MV |
InputV:28V; outputV:24V; --W; 30A military DC-DC converter. For military applications InputV:270V; outputV:48V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:28V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:155V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:165V; outputV:24V; 50W; 10A military DC-DC converter. For military applications Military DC-DC Converters 50 to 100W InputV:28V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:155V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:165V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:28V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:165V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:28V; outputV:48V; 50W; 10A military DC-DC converter. For military applications Military DC-DC Converters 50 to 100W
|
http:// Vicor Corporation
|
AD7538TQ/883B |
µP-Compatible 14-Bit CMOS DAC; Package: CERDIP GLASS SEAL; No of Pins: 24; Temperature Range: Military PARALLEL, WORD INPUT LOADING, 14-BIT DAC, CDIP24
|
Analog Devices, Inc.
|
M3253505E2X225KZMB |
SMD MIL X7R PRF32535, Ceramic, Military/High Reliability, 2.2 uF, 10%, 10 VDC, X7R, SMD, Conformal, Military, Low ESR, MILPRF-32535, N/A, 1206
|
Kemet Corporation
|
1N5189 1N5187 1N5190 1N5186 1N5188 |
RECTIFIERS MILITARY APPROVED 3AMP FAST RECOVERY RECTIFIERS MILITARY APPROVED/ 3AMP/ FAST RECOVERY RECTIFIERS MILITARY APPROVED, 3AMP, FAST RECOVERY 3 A, SILICON, RECTIFIER DIODE
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
M8340101M2201GA M8340103KA001GJ M8340103M6801GB M8 |
MILITARY NETWORKS
|
VISAY[Vishay Siliconix]
|
1N5420 JANS1N5420 1N5415 1N5415-1 1N5416 1N5417 1N |
RECTIFIERS MILITARY APPROVED/ FAST RECOVERY/ 3AMP Fast Rectifier (100-500ns) ZFKDSA 1,5-W-5,08- 7 FAST RECTIFIERS MSTBV 2,5/22-G MSTBV 2,5/21-G RECTIFIERS MILITARY APPROVED, FAST RECOVERY, 3AMP
|
MICROSEMI[Microsemi Corporation]
|
MCOTS-C-28-12-HP MCOTS-C-28-12-HP-N-S |
MILITARY COTS DC/DC CONVERTER
|
SynQor Worldwide Headquarters
|
VMEM |
Military Clock Oscillator
|
Vectron International, Inc
|