PART |
Description |
Maker |
MAX6326-22D MAX6326-22W MAX6326-23D MAX6326-23W MA |
3-pin ultra-low power SC70/SOT microprocessor reset circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 BACKSHELL 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 CLAMP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 350-mW Stereo Class-AB Audio Amplifier 8-SOIC CONNECTOR 350-mW Mono Class-AB Audio Amplifier 8-SOIC 9-W Stereo Class-D Audio Power Amplifier with Volume Control (TPA3002) 48-HTQFP -40 to 85 20-W Mono Class-D Audio Power Amplifier (TPA3001) 24-HTSSOP -40 to 85 40-W Mono Class-D Audio Power Amplifier (TPA3106) 32-HLQFP -40 to 85 10-W Stereo Class-D Audio Power Amplifier (TPA3101) 48-VQFN -40 to 85
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
AT49BV040- AT49LV040 AT49BV040 AT49BV-LV040 AT49BV |
LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier; Package: LLP; No of Pins: 8 LM4663 Boomer ® Audio Power Amplifier Series 2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 24 512K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 LM4549A AC '97 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound; Package: LQFP; No of Pins: 48 LM4664 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 1.1W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
TDA2050 1461 TDA2050H |
50 W, 1 CHANNEL, AUDIO AMPLIFIER, PZFM5 32W HI-FI AUDIO POWER AMPLIFIER From old datasheet system 32W HI-FI AUDIO POWER AMPLIFIER
|
STMicroelectronics ST Microelectronics
|
LA4601 1516 |
Audio Power Amplifier, Audio Power Amplifier For Radio Cassette Recorders From old datasheet system Monolithic Linear IC
|
Sanyo Semiconductor
|
KIA6281H KIA3281H |
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
|
KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
TDA2614 |
6 W Hi-Fi Adio Power Amplifier(6W高保真音频功率放大器) 6.5 W, 1 CHANNEL, AUDIO AMPLIFIER, PSFM9 6 W hi-fi audio power amplifier
|
NXP Semiconductors N.V.
|
AN7161NFP AN7161 |
IC,AUDIO AMPLIFIER,SINGLE,BIPOLAR,SIP,12PIN,PLASTIC BTL High Audio Power Amplifier
|
PANASONIC[Panasonic Semiconductor]
|
PA4990-S08-R PA4990-SM1-R PA4990G-S08-R PA4990L-S0 |
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE 1.2 W, 1 CHANNEL, AUDIO AMPLIFIER, PDSO8
|
Unisonic Technologies UNISONIC TECHNOLOGIES CO LTD
|
BS616LV4015EI BS616LV4015 BS616LV4015AC BS616LV401 |
LM4992 Boomer ® Audio Power Amplifier Series 420mW Stereo Cell Phone Audio Amplifier; Package: LLP; No of Pins: 14 LM4992 Boomer ® Audio Power Amplifier Series 420mW Stereo Cell Phone Audio Amplifier; Package: LLP; No of Pins: 14 Very Low Power/Voltage CMOS SRAM 256K X 16 bit
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
NJM386B NJM386BD NJM386BL NJM386BM NJM386BM-TE4 |
1 W, 1 CHANNEL, AUDIO AMPLIFIER, PDSO8 LOW VOLTAGE AUDIO POWER AMPLIFIER
|
NJRC[New Japan Radio]
|
PA6021-D20-T PA6021G-D20-T PA6021L-D20-T |
2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL 2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
|
Unisonic Technologies
|