PART |
Description |
Maker |
1.5KE22A 1.5KE33A 1.5KE91A 1.5KE18A 1.5KE68A 1.5KE |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 Watt MosorbE Zener Transient Voltage Transient Voltage 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106B; No. of Contacts:2; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No ; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-5 RoHS Compliant: Yes 1500 Watt MosorbTM Zener,Transient Voltage Suppressors(1500W MosorbTM齐纳抗雷TVS))
|
ONSEMI[ON Semiconductor]
|
SMCJ36A SMCJ5V0A SMCJ5V0CA SMCJ6V5A SMCJ26A SMCJ12 |
1500 Watt Transient Voltage Suppressors Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Quad Clocked 'D' Latch 16-CDIP -55 to 125
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
1SMC8.0AT3 1SMC6.5AT3 1SMC26AT3 1SMC7.0AT3 |
1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电.5V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电6.5V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电6V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电7.0V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电.0V,齐纳瞬变电压抑制器) 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
SMCJ6.0 SMCG5.0CA SMCJ7.0 SMCJ12CA SMCJ5.0CA SMCG5 |
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor From old datasheet system CMOS Quad Clocked 'D' Latch 16-SOIC -55 to 125 CMOS Quad Exclusive-OR Gate 14-SO -55 to 125 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 420V; Case Size: 30x45 mm; Packaging: Bulk CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-PDIP -55 to 125 SURFACE MOUNT 1500 Watt Transient Voltage Suppressor 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE http://
|
1N6377RL4 MPTE-12RL4 MPTE-12G 1N6374RL4 ONSEMICOND |
1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
1.5SMCJ210 1.5SMCJ210A 1.5SMCJ210C 1.5SMCJ210CA 1. |
SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse) 瞬态表面贴装(电压抑制电压- 5.020伏特500瓦峰值功率脉冲) SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse) 瞬态表面贴装(电压抑制电压- 5.020伏特1500瓦峰值功率脉冲) SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse) 瞬态表面贴装(电压抑制电压- 5.0220伏特500瓦峰值功率脉冲) SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse) 瞬态表面贴装(电压抑制电压- 5.0220伏特1500瓦峰值功率脉冲)
|
Pan Jit International I... http:// PanJit International Inc. PanJit International, Inc. Littelfuse, Inc. Surge Components, Inc. Pan Jit International Inc.
|
1.5KE62CA 1.5KE170CA |
1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
|
Littelfuse
|
SMCJ48A SMCJ12 SMCJ16 SMCJ160A SMCJ36A |
Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
|
http:// Micro Commercial Compon...
|
MPTE-12C MPTE-10C MPTE-22C |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
|
MDE Semiconductor, Inc.
|
1.5SMCXXXAT3 1.5SMCXXXAT3G |
1500 Watt Peak Power Zener Transient Voltage Suppressors
|
ON Semiconductor
|