Part Number Hot Search : 
KSA1220 BA7358 D1092 BGB550 PA1224 4AHCT1 S3D12 C2412
Product Description
Full Text Search

PS7802-1A-F4 - 邻舍4针超小型平引脚,低输出电1通道光学耦合MOSFET A6595 SOIC LED Driver IC; Driver Type:LED; Package/Case:16-QFN; Leaded Process Compatible:Yes; No. of Drivers:1; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Output Current Max:150mA; Output Current Min:10mA; Output Voltage Max:3V RoHS Compliant: Yes 1.3 OHM SERIAL INPUT DMOS DRIVER NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD / LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET

PS7802-1A-F4_416970.PDF Datasheet

 
Part No. PS7802-1A-F4 PS7802-1A PS7802 PS7802-1A-F3 PS78021A
Description 邻舍4针超小型平引脚,低输出电1通道光学耦合MOSFET
A6595 SOIC
LED Driver IC; Driver Type:LED; Package/Case:16-QFN; Leaded Process Compatible:Yes; No. of Drivers:1; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Output Current Max:150mA; Output Current Min:10mA; Output Voltage Max:3V RoHS Compliant: Yes
1.3 OHM SERIAL INPUT DMOS DRIVER
NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
NECs 4-PIN ULTRA SMALL FLAT-LEAD / LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET

File Size 165.71K  /  7 Page  

Maker


NEC Corp.
NEC[NEC]



Homepage http://www.necel.com/index.html
Download [ ]
[ PS7802-1A-F4 PS7802-1A PS7802 PS7802-1A-F3 PS78021A Datasheet PDF Downlaod from Datasheet.HK ]
[PS7802-1A-F4 PS7802-1A PS7802 PS7802-1A-F3 PS78021A Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for PS7802-1A-F4 ]

[ Price & Availability of PS7802-1A-F4 by FindChips.com ]

 Full text search : 邻舍4针超小型平引脚,低输出电1通道光学耦合MOSFET A6595 SOIC LED Driver IC; Driver Type:LED; Package/Case:16-QFN; Leaded Process Compatible:Yes; No. of Drivers:1; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Output Current Max:150mA; Output Current Min:10mA; Output Voltage Max:3V RoHS Compliant: Yes 1.3 OHM SERIAL INPUT DMOS DRIVER NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD / LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET


 Related Part Number
PART Description Maker
 
 Related keyword From Full Text Search System
PS7802-1A-F4 rectifier PS7802-1A-F4 example commands PS7802-1A-F4 pin PS7802-1A-F4 资料 PS7802-1A-F4 Microelectronic
PS7802-1A-F4 Module PS7802-1A-F4 Epitaxial PS7802-1A-F4 Source PS7802-1A-F4 circuit PS7802-1A-F4 Sipat
 

 

Price & Availability of PS7802-1A-F4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.14574098587036