PART |
Description |
Maker |
S87C652-5A44 S87C654-5A44 S87C654-4N40 S87C654-5B4 |
80C51 8-bit microcontroller 8K/16K/ 256 OTP/ I2C 80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44
|
Philips Semiconductors NXP Semiconductors N.V.
|
P89C51RD P89C51RDIB P89C51RDIN P89C51RDIA P89C51RD |
80C51 Central Processing Unit 80C51 8-bit Flash microcontroller family 32K/64K ISP FLASH with 512.1K RAM
|
NXP Semiconductors Philips Semiconductors
|
P89CV51RD2FA512 P89CV51RB209 P89CV51RC2FBC557 P89C |
8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT187; Container: Tube Dry Pack 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT376; Container: Tray Dry Pack, Bakeable, Multiple 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
P83C660X2FA P87C660X2FA P83C661X2BBD P87C661X2BBD |
80C51 8-bit microcontroller family
|
NXP Semiconductors
|
P87C58X2FA P87C52 P87C54 80C52 80C52X2 P80C31X2 P8 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 80C51位单片机系列4K/8K/16K/32K的ROM / RAM的检察官办公28B/256B低电.7.5 V,低功耗,高33分之30兆赫 80C51 8-bit microcontroller family 4K-8K-16K-32K ROM-OTP 128B-256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30-33 MHz)
|
存储 NXP Semiconductors N.V.
|
P89LPC938 P89LPC938FA P89LPC938FDH P89LPC938FHN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
|
PHILIPS[Philips Semiconductors]
|
P89LPC9222A1 P89LPC922A1FDH P89LPC922A1FN P89LPC92 |
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
|
NXP Semiconductors http://
|
P89LPC936FDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB-8 kB-16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors N.V.
|
P89C51RD2BBD/01 P89C51RD2FA/01 P89C51RB2BBD/01 P89 |
80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
NXP Semiconductors N.V. Philips Semiconductors
|