PART |
Description |
Maker |
MURH860CT MURH805CT MURH810CT MURH820CT MURH840CT |
8.0A, 200V ultra fast recovery rectifier 8.0A, 100V ultra fast recovery rectifier 8.0A, 50V ultra fast recovery rectifier 8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 8 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AB
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
CMR3U-01M CMR3U-10M CMR3U-02M CMR3U-04M CMR3U-06M |
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS SMD Ultra Fast Rectifier Single
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
UFS520 UFS510 UFS515 UFS510G UFS505J UFS520J |
100 V power Schottky rectifier 5 A, 100 V, SILICON, RECTIFIER DIODE, DO-215AB ULTRA FAST RECOVERY RECTIFIERS Ultra Fast Rectifier (less than 100ns)
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
30BF..SERIES 30BF80 30BF10 30BF20 30BF40 30BF60 30 |
DIODE 3 A, SILICON, RECTIFIER DIODE, DO-214AB, Rectifier Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 800V 3A Ultra-Fast Discrete Diode in a SMC package 400V 3A Ultra-Fast Discrete Diode in a SMC package 600V 3A Ultra-Fast Discrete Diode in a SMC package 100V 3A Ultra-Fast Discrete Diode in a SMC package 200V 3A Ultra-Fast Discrete Diode in a SMC package
|
International Rectifier, Corp. IRF[International Rectifier] VISHAY SEMICONDUCTORS
|
FFP20U60DN FFP20U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness 20 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AB ULTRA FAST RECOVERY POWER RECTIFIER 20A/600V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FFA30U20DN FFA30U20DNTU |
ULTRA FAST RECOVERY POWER RECTIFIER 30A/200V Ultra Fast Recovery Rectifiers Ultra Fast Recovery Power Rectifer(平均整流电流30A超快恢复功率整流 30 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FFPF15U20DP FFPF15U20DPTU |
15A/200V Ultra Fast Recovery Rectifier FAST RECOVERY POWER RECTIFIER Fast Recovery Power Rectifer(平均整流电流15A快速恢复功率整流器) 15 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
CUD10-02 CUD10-04 CUD10-06 CUD10-04BK |
10 A, 400 V, SILICON, RECTIFIER DIODE SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER SINGLE, 10 AMPS, 200 THRU 600 VOLTS
|
Central Semiconductor Corp
|
OM5234ST OM5203DT OM5203RT OM5203ST OM5233DT OM523 |
16 Amp, 50 To 600 Volts, 35 To 50 ns trr 600V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 600V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 200V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 50V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 50V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package Center-Tapped Positive (CC) HS Rectifier From old datasheet system HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 8 A, SILICON, RECTIFIER DIODE, TO-257AA HERMETIC SEALED, METAL, TO-257AA, 3 PIN
|
List of Unclassifed Manufac... International Rectifier List of Unclassifed Manufacturers Omnirel Corp ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
UF1503S-B UF1503S-T UF1501S-B UF1501S-T UF1507S-B |
1.5A ULTRA-FAST RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-41 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-41 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-41
|
Diodes Incorporated Diodes, Inc.
|