PART |
Description |
Maker |
M68739R 68739R |
154-162MHz,9.6V, 7W, FM PORTABLE RADIO From old datasheet system 154-162MHz9.6V 7W FM PORTABLE RADIO
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
FDS7064SN3 |
30V N-Channel PowerTrench SyncFET
|
FAIRCHILD[Fairchild Semiconductor]
|
LBS15401 |
154.75MHz SAW Filter 4.7MHz Bandwidth
|
SIPAT Co,Ltd
|
LBN15502 |
154.9MHz SAW Filter 8MHz Bandwidth
|
SIPAT Co,Ltd
|
CHM-M-B22-TPPPPPT-1 CHM-M-B22-CAAAAAC-1 |
154 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
ITT CANNON
|
HM2P07PKA254GLLF |
154 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
|
EF970010 EF970012 EF970016 EF970022 EF970028 EF970 |
KOPEX ELECTROFLEX 970, 972 & 974 SERIES CONNECTORS FOR USE WITH 150, 154, 155 & 158 CONDUITS
|
List of Unclassifed Man... ETC List of Unclassifed Manufacturers
|
STK12C68-IM STK12C68-L45IM STK12C68-L35IM STK12C68 |
NVRAM (EEPROM Based) NVRAM中(EEPROM的基础 Fuse Holder; Mounting Type:PC Board; Body Material:Thermoplastic; Contact Material:Beryllium Copper; Contact Plating:Tin; Current Rating:3.5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154 Fuse Holder; Mounting Type:PC Board; Body Material:Thermoplastic; Contact Material:Beryllium Copper; Contact Plating:Tin; Current Rating:1.5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154 Fuse Holder; Mounting Type:PC Board Surface Mount; Body Material:Thermoplastic; Contact Material:Beryllium Copper; Contact Plating:Tin; Current Rating:1.5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Fuse Holder; Body Material:Thermoplastic; Current Rating:3A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154; Contact Material:Beryllium Copper; Contact Plating:Tin; Mounting Type:PC Board RoHS Compliant: Yes Fuse Holder; Body Material:Thermoplastic; Current Rating:5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154; Contact Material:Beryllium Copper; Contact Plating:Tin; Mounting Type:PC Board RoHS Compliant: Yes FUSE 5A LITTLEFUSE 154005 CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
|
N.A. ETC[ETC] List of Unclassifed Manufacturers
|
DV40200 |
CHARACTER LCD MODULE display format: 40x2; module size: 182.0x34x10.0; viewing size: 154.0x16.5; dot size: 0.60x0.65; character size: 3.20x5.55;
|
Data International CO.LTD.
|
CP2-HB110-GE1-TG30 CP2-HB095-A1-TG30 CP2-HB110-GA4 |
154 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 95 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
3M ELECTRONIC PRODUCTS DIVISION
|