PART |
Description |
Maker |
AAT3110IJS-5.0-T1 AAT3110IGU-5.0-T1 AAT3110IJS-4.5 |
MicroPower Regulated Charge Pump
|
Advanced Analog Technology, Inc.
|
LTC1517-3.3 |
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package(微功稳压3.3V电荷泵DC/DC变换5脚SOT-23封装))
|
Linear Technology Corporation
|
MAX851 MAX851ESA MAX851ISA MAX850 MAX850ESA MAX850 |
Low-noise, regulated, negative charge-pump power supplies for GaAsFET bias. 2mVp-p output voltage ripple. 100kHz chage-pump switching frequency. Logic-level shutdown mode: 1microA max over temp. Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias 低噪声、稳压型、负输出电荷泵,用于GaAsFET偏置电源 Quadruple 2-Input Positive-AND Gates 20-LCCC -55 to 125 Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias Low-Noise / Regulated / Negative Charge-Pump Power Supplies for GaAsFET Bias
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AFL2803.3SX/CH AFL12003.3SX/CH AFL12003.3SW/ES AFL |
Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C Single Cell to 3.3V Regulated Charge Pump DC/DC Converter Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 28; Temperature Range: -40°C to 85°C Analog IC 模拟IC Single Cell to 3.3V Regulated Charge Pump DC/DC Converter 模拟IC 1-OUTPUT 66 W DC-DC REG PWR SUPPLY MODULE 2-OUTPUT 66 W DC-DC REG PWR SUPPLY MODULE
|
International Rectifier, Corp. HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
LTC1983-3 LTC1983ES6-5 LTYB LTC1983ES6-3 LTPC LTC1 |
100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT 100mA Regulated Charge Pump Inverter in ThinSOT
|
LINER[Linear Technology]
|
SS6845G SS6845GGTR |
Regulated 5V Charge Pump
|
Silicon Standard Corp.
|
AAT3110IGU-4.5-T1 AAT3110IGU-5.0-T1 AAT3110IJS-5.0 |
MicroPower⑩ Regulated Charge Pump
|
Advanced Analog Technology, Inc. Advanced Analogic Technologies
|
AME7730 AME7730AEEY500Y AME7730AEEY500Z |
100mA Regulated Charge Pump
|
Analog Microelectronics
|
AIC1848CG AIC1848 |
Regulated 5V Charge Pump In SOT-23
|
Analog Intergrations Co... Analog Intergrations Corporation
|
FAN5601_05 FAN5601 |
Regulated Step-Down Charge Pump DC/DC Converter
|
FAIRCHILD[Fairchild Semiconductor]
|
SGM3110 SGM3110-4.5 SGM3110-4.5YN6/TR SGM3110-5.0 |
Micro-Power Regulated Charge Pump
|
SG Micro Corp
|