PART |
Description |
Maker |
ISL6439 ISL6439ACB ISL6439ACR ISL6439AEVAL1 ISL643 |
Single Sync Buck PWM Controller for Broadband Gateway Applications SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PDSO14 Single Sync Buck PWM Controller for Broadband Gateway Applications 单同步降压PWM控制器,宽带网关应用 PWM Controller, 3.3V to 5V Input, VOUT 0.8V Min @ 1.5%, 300 or 600kHz, Gateway Applications
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EL5492ACL EL5492ACL-T13 EL5492ACL-T7 EL5492CS EL54 |
Single Sync Buck PWM Controller for Broadband Gateway Applications; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R Single Sync Buck PWM Controller for Broadband Gateway Applications; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R Operational Amplifier
|
运算放大
|
ISL6430 ISL6430CB ISL6430CR |
Single Sync Buck PWM Controller for Broadband Gateway Applications
|
Intersil Corporation
|
HIP5020 |
PWM, Integrated N-Channel Buck Converter with Sync Rectification, Input 4.5/18VDC, Output 3.3/5VDC @ 3.5A
|
Intersil
|
HIP6006 |
PWM Controller, Microprocessor DC-DC Converter, Buck/Sync-Rectifier, No DAC, % Reg, 5/12VDC Input to 3.xVDC Output
|
Intersil
|
HIP6301 |
PWM Controller, 2-4 Phase Sync Buck, 1.10V to 1.85V, .0% Reg, Programmable Droop Voltage, 5-Bit VID DAC
|
Intersil
|
HIP6311A |
PWM Controller, 2-4 Phase Sync Buck, 5-Bit VID DAC, 1.100V to 1.850V in 25mV Steps, .5% Reg, Prog Droop Voltage
|
Intersil
|
FAN6520AIMXNL |
Single Synchronous Buck PWM Controller
|
FAIRCHILD SEMICONDUCTOR CORP
|
ISL8105 ISL8105AEVAL1Z ISL8105AIBZ ISL8105AIRZ ISL |
5V or 12V Single-Phase Synchronous Buck Converter PWM Controller withIntegrated MOSFET Gate Drivers 1V to 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R SWITCHING CONTROLLER, 660 kHz SWITCHING FREQ-MAX, PDSO10
|
Intersil Corporation Intersil, Corp.
|
MIC21550911 MIC2156 MIC2156YML |
Two-Phase, Single-Output, PWM Synchronous Buck Control IC
|
Micrel Semiconductor
|
RT9202BPS RT9202BGS |
Single Synchronous Buck PWM DC-DC Controller 单同步降压PWM DC - DC控制
|
Richtek Technology, Corp.
|