PART |
Description |
Maker |
ISL38601C-CD ISL38601C-EVAL |
PTSE 8C 8#20 STR PLUG ISL38601C PRISM GTCardbus32 IEEE 802.11g, 802.11b WLAN NIC ISL38601C PRISM GT Cardbus32 IEEE 802.11g/ 802.11b WLAN NIC ISL38601C PRISM GT Cardbus32 IEEE 802.11g, 802.11b WLAN NIC
|
Intersil Corporation
|
ISL38601M-CD ISL38601M-EVAL |
ISL38601M PRISM GT miniPCI IEEE 802.11g, 802.11b WLAN NIC ISL38601M PRISM GT miniPCI IEEE 802.11g/ 802.11b WLAN NIC 5015 RR 2#16S PIN RECP ISL38601M棱镜燃气轮机⑩的miniPCI IEEE 802.11g的,802.11b无线局域网网卡 ISL38601M PRISM GTminiPCI IEEE 802.11g, 802.11b WLAN NIC ISL38601M棱镜燃气轮机⑩的miniPCI IEEE 802.11g的,802.11b无线局域网网卡
|
Intersil Corporation Intersil, Corp.
|
ISL38001C-CD ISL38001C-EVAL |
PTSE 8C 8#20 STR PLUG Circular Connector; No. of Contacts:10; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:12-10 RoHS Compliant: No ISL38001C PRISM GT Cardbus32 IEEE 802.11g/ 802.11b WLAN NIC ISL38001C PRISM GT Cardbus32 IEEE 802.11g, 802.11b WLAN NIC
|
Intersil Corporation
|
591-2001-007 591-2001-013 591-2001-002 |
3mm Prism CBI Circuit Board Indicator
|
Dialight Corporation
|
595-2201-002 595-2201-007 595-2401-002 595-2701-00 |
2mm Prism CBI Circuit Board Indicator Surface Mount LED SINGLE COLOR LED, HIGH INTENSITY GREEN, 1.83 mm 2mm Prism CBI Circuit Board Indicator Surface Mount LED SINGLE COLOR LED, YELLOW, 1.83 mm
|
Dialight PLC
|
ISL36356A- ISL36356A-APDK ISL36356A-APDK-EVAL |
PRISM 11Mbps Wireless Local Area Network Access Point
|
INTERSIL[Intersil Corporation]
|
ISL37105P-CD ISL37105P-EVAL |
PRISM 3 11 Mbps Wireless Local Area Network PCMCIA 棱镜3 11 Mbps无线局域网的PCMCIA
|
Intersil, Corp. Intersil Corporation
|
ISL37200M-CD ISL37200M-EVAL |
PRISM 3 11 Mbps Wireless Local Area Network miniPCI 棱镜3 11 Mbps无线局域网的miniPCI
|
Intersil, Corp. Intersil Corporation
|
MG150Q2YS51 E002109 |
8-Port Wireless Switch; Approval Categories:UL, EN & IEC: 60950-I; EMC FCC Part 15 Class B, EN 300386; Data Rate Max:54Mbps; External Depth:9.4"; External Height:1.89"; External Width:16.9" RoHS Compliant: Yes N通道IGBT的(大功率开关,马达控制应用 8-Port Wireless Switch; Approval Categories:UL, EN & IEC: 60950-I; EMC FCC Part 15 Class B, EN 300386; Data Rate Max:54Mbps; External Depth:9.4 N CHANNEL IGBT (HIGH POWER SWITCHING / MOTOR CONTROL APPLICATIONS) HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS From old datasheet system N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
|
Toshiba, Corp. Toshiba Corporation Toshiba Semiconductor
|
591-XX01-1XX 591-2401-102 591-2401-107 591-2301-10 |
3mm Prism CBI Circuit Board Indicator Surface Mount LED, Square Lens
|
DIALIGHT[Dialight Corporation]
|
592-2400-002 592-2420-013 592-2428-013 592-2420-00 |
3mm Bi-level Prism? CBI Surface Mount LED SINGLE COLOR T-1 SINGLE COLOR LED ARRAY, WHITE, 3 mm ROHS COMPLIANT PACKAGE-4 Led Lamp; Bulb Size:3mm; Luminous Intensity:4ucd; Viewing Angle:40 ; Leaded Process Compatible:Yes; Lens Style:Round; Peak Reflow Compatible (260 C):No; Reel Quantity:360 RoHS Compliant: Yes T-1 SINGLE COLOR LED ARRAY, GREEN, 3 mm
|
Dialight Corporation http:// Dialight PLC
|