PART |
Description |
Maker |
PD10M440H PD10M441H |
MOSFET MODULE DUAL 85A 450V/500V
|
ETC[ETC] Nihon Inter Electronics Corporation
|
IRF420 IRF421 IRF422 IRF423 |
2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs 2.2A and 2.5A/ 450V and 500V/ 3.0 and 4.0 Ohm/ N-Channel Power MOSFETs
|
Intersil Corporation
|
MK2049-02 MK2049-02S MK2049-02SI MK2049-02SITR MK2 |
Communications Clock PLLs CAPACITOR, 1000UF 450V CAPACITOR, 1000UF 450V; CAPACITANCE:1000UF; VOLTAGE RATING, DC:450V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:B43456; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-25(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes
|
http:// ICST[Integrated Circuit Systems]
|
IRFI744G IRFI744GPBF |
450V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=450V Rds(on)=0.63ohm Id=4.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=4.9A) 功率MOSFET(减振钢板基本\u003d 450V,的Rds(on)\u003d 0.63ohm,身份证\u003d 4.9A
|
IRF[International Rectifier] International Rectifier, Corp.
|
SSM1N45B SSM1N45BTF |
450V N-Channel B-FET 450V N-Channel MOSFET
|
Fairchild Semiconductor Corporation
|
3590S-2-502 3590S-2-503 3540S-1-501 3540S-1-502 35 |
DREHPOTENTIOMETER ZEHN DRAHTWEN 5K 450V Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits DREHPOTENTIOMETER ZEHN DRAHTWEN 5K 447V DREHPOTENTIOMETER ZEHN DRAHTWEN200R 447V DREHPOTENTIOMETER ZEHN DRAHTWEN 20K 447V DREHPOTENTIOMETER ZEHN DRAHTWEN 1K 450V DREHPOTENTIOMETER ZEHN DRAHTWEN200R 450V SERVOPOTENTIOMETER LEITPLAS 5K 300V 1W SERVOPOTENTIOMETER LEITPLAS 50K 300V 1W DREHPOTENTIOMETER EIN CERMET 5K 1W 300V SERVOPOTENTIOMETER LEITPLAS 1K 300V 1W SERVOPOTENTIOMETER LEITPLAS 20K 300V 1W DREHPOTENTIOMETER EIN CERMET 10K 1W 300V DREHPOTENTIOMETER艾因金属陶瓷10,000 1W00V DREHPOTENTIOMETER ZEHN DRAHTWEN 10K 447V DREHPOTENTIOMETER ZEHN DRAHTWEN 10,000 447V DREHPOTENTIOMETER ZEHN DRAHTWEN 20K 450V DREHPOTENTIOMETER ZEHN DRAHTWEN 20,000 450V
|
Bourns, Inc.
|
2SK2432 2SK2619 2SK2636 2SK2403 2SJ454 2SK2404 2SK |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 7A I(D) TRANSISTOR | MOSFET | P-CHANNEL | 250V V(BR)DSS | 5A I(D) TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 5A I(D) TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 16A I(D) 晶体管| MOSFET的| N沟道| 250V五(巴西)直| 16A条(丁) TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 6A I(D) | TO-262AA 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 6A条(丁)|62AA TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 20A I(D) 晶体管| MOSFET的| N沟道| 450V五(巴西)直| 20A条(丁) Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset
|
Sanyo Electric Co., Ltd.
|
HGTD8P50G1S HGTD8P50G1 HGTP8P50G1 |
8A, 500V P-Channel IGBTs 8A 500V P-Channel IGBTs Mechanism, 2-inch w/front paper feed and partial cutter 8A/ 500V P-Channel IGBTs
|
http:// INTERSIL[Intersil Corporation]
|
APT4585AN APT501R1AN |
TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 8.5A I(D) | TO-3 晶体管| MOSFET的| N沟道| 450V五(巴西)直| 8.5AI(四)|3 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 7.5A I(D) | TO-3 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 7.5AI(四)|
|
Zetex Semiconductor PLC Air Cost Control
|
FAP-450 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 14A I(D) | TO-247VAR 晶体管| MOSFET的| N沟道| 500V五(巴西)直|4A条(丁)|47VAR N-channel MOS-FET(500V, 0,38Ω, 14A, 190W) N-channel MOS-FET(500V, 0,38楼?, 14A, 190W)
|
TOKO, Inc. Fuji Electric
|
FDA24N50 |
500V N-Channel MOSFET N-Channel MOSFET; Package: TO-3PN; No of Pins: 3; Container: Rail 24 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 500V, 24A, 0.19ヘ N-Channel MOSFET 500V, 24A, 0.19Ω
|
Fairchild Semiconductor, Corp.
|
PD7M440 PD7M441H PD7M440H |
16-Bit 160 MSPS 2x/4x/8x Interpolating Dual TxDAC ® D/A Converter 14-Bit, 160 MSPS, 2×/4×/8× Interpolating Dual TxDAC ® D/A Converter MOSFET MODULE Dual 50A 450V/500V
|
ETC[ETC] NIEC[Nihon Inter Electronics Corporation]
|