PART |
Description |
Maker |
CD4504B 5962R9666501TXC CD4504BKTR CD4504BT CD4504 |
Dual Differential Comparator 8-SOIC -25 to 85 的CMOS六角电压电平转换为TTL到全CMOS或CMOS对CMOS运算 CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
|
Intersil, Corp. Intersil Corporation http://
|
VTC1 VTC1-B02C-10M00 VTC1-J03A-11M2896 VTC1-J03A-1 |
Voltage Controlled Temperature Compensated Crystal Oscillator TCXO, CLOCK, 11.2896 MHz, CMOS OUTPUT TCXO, CLOCK, 12.352 MHz, CMOS OUTPUT TCXO, CLOCK, 12.504 MHz, CMOS OUTPUT TCXO, CLOCK, 10.001355 MHz, CMOS OUTPUT TCXO, CLOCK, 12 MHz, CMOS OUTPUT TCXO, CLOCK, 12.288 MHz, CMOS OUTPUT TCXO, CLOCK, 10.24 MHz, CMOS OUTPUT TCXO, CLOCK, 12.8 MHz, CMOS OUTPUT TCXO, CLOCK, 11.0592 MHz, CMOS OUTPUT
|
Vectron International, Inc
|
CDP1851 CDP1851C CDP1851CD CDP1851CDX CDP1851CE CD |
CMOS Programmable I/O Interface From old datasheet system CMOS Programmable I/O Interface(CMOS 可编程I/O接口) CMOS可编程I / O接口的CMOS(可编程的I / O接口 CMOS Programmable I/O Interface(CMOS ???绋?/O?ュ?)
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
SM1145BDE SM1145BDS SM1145BDV SM1145BDW SM1145BDX |
CMOS with Enable/ Disable, 3rd Overtone Crystal Used CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V) 2.5 V CMOS Clock Oscillators
|
Pletronics, Inc.
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
M6MGB_T166S2BWG M6MGB M6MGT166S2BWG E99007_A |
16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & CMOS 3.3V-ONLY FLASH MEMORY & CMOS SRAM Stacked-CSP From old datasheet system
|
Mitsubishi
|
CAT1026LI-45-GT3 CAT1026LI-45T3 CAT25C04LI-1.8TE13 |
Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 1K/2K/4K SPI Serial CMOS EEPROM 16K-Bit CMOS PARALLEL EEPROM 64K-Bit CMOS PARALLEL EEPROM 512K-Bit CMOS Flash Memory 32K/64K-Bit SPI Serial CMOS EEPROM 1 Megabit CMOS Flash Memory 512K-Bit CMOS PARALLEL EEPROM 1 Megabit CMOS Boot Block Flash Memory 256K-Bit CMOS PARALLEL EEPROM Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer Precision, Adjustable Shunt Regulator Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer 128K/256K-Bit SPI Serial CMOS EEPROM 16K-Bit Serial EEPROM, Cascadable
|
CATALYST[Catalyst Semiconductor]
|
MAX166 MAX166ACPP MAX166ACWP MAX166AEPP MAX166AEWP |
CMOS μP-Compatible, 5μs, 8-Bit ADCs CMOS microprocessor-compatible, 5 microsec, 8-bit ADC. Error -1 LSB. Plug-in upgrade to the MX7575. CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP18 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO20 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP20 CMOS P-Compatible, 5レs, 8-Bit ADCs CMOS P-Compatible / 5s / 8-Bit ADCs CMOS ??-Compatible, 5??, 8-Bit ADCs CMOS P-Compatible 5s 8-Bit ADCs CMOS P-Compatible, 5s, 8-Bit ADCs
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SMCJ40 SMCJ24 SMCJ58A SMCJ58 SMCG51A SMCJ22 SMCJ26 |
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT From old datasheet system CMOS 12-Stage Ripple-Carry Binary Counter/Divider 16-SOIC -55 to 125 CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-TSSOP -55 to 125 CMOS Quad Clocked 'D' Latch 16-SOIC -55 to 125 CMOS BCD-to-Decimal or Binary-to-Octal Decoders/Drivers 16-SO -55 to 125 CMOS Triple 3-Input OR Gate 14-SOIC -55 to 125 CMOS Quad Exclusive-OR Gate 14-SOIC -55 to 125 CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-CDIP -55 to 125 CAPACITOR CERAMIC DISC 47PF 1KV
|
http:// MICROSEMI[Microsemi Corporation]
|
ADG804 ADG804YRM-REEL7 ADG804YRM ADG804YRM-REEL AD |
0.5 Ω CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive 0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer 0.5 Ω CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|