PART |
Description |
Maker |
DN6845S |
Hall IC (Operating Supply Voltage Range Vcc=3.6 to 16V, Operating in One Way Magnetic Field)
|
Panasonic
|
DN6852 |
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
|
PANASONIC[Panasonic Semiconductor]
|
3197 A3197ELT A3197EU A3197LLT A3197LU A3196LLT A3 |
PROTECTED HIGH-TEMPERATURE OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED/ HIGH-TEMPERATURE/ OPEN-COLLECTOR HALL-EFFECT LATCH Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(保护型,工作于高温,集电极开路霍尔效应锁存器) IC SENSOR QWHEEL ROTARY 14TSSOP Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(淇?????宸ヤ?浜??娓╋???????璺??灏??搴??瀛??) Protected, high-temperature, hall-effect latch with active pull-down
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
3141 A3143 UGN3120ELT UGN3120EUA UGN3120LLT UGN312 |
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION 敏感的霍尔效应开关高温作 IC SENSOR 1 CHAN QTOUCH SOT23-6 (UGN3141 - UGN3144) SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION Sensitive Hall-Effect Switches, High-Temperature
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems] http://
|
PS2561BL2-1-A PS2561BL2-1-E3 PS2561BL2-1-E3-A PS25 |
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110隆?C DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110°C 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
NEC
|
A3121UA A3121LUA A3121EU A3123LUA 3122 3121 A3123U |
HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION Hall Effect switch For High-Temperature Operation(工作于高温的霍尔效应开 HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION 霍尔效应开关高温作 Audio CODEC IC; IC Function:Audio Codec; Package/Case:28-SSOP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:24; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No 霍尔效应开关高温作 KPT 18C 18#20 PIN PLUG 霍尔效应开关高温作
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
P1402AAL P1602ACL P3002AAL P0602ACL P2202AAL P2702 |
Execution Time (ns): 41.7 (@24MHz); Operating Frequency / Supply Voltage: 24MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -20
|
Littelfuse, Inc.
|
NV23107 NV2312CSDC10VN NV2312CSDC10VS NV2312ASDC10 |
Withstands high temperature, operating under 105 ambient temperature
|
DB Lectro Inc
|
K6R1008C1A- K6R1008C1A-C12 K6R1008C1A-C15 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges. 128Kx8高速静态内存(5V工作),旋转引脚输出。在商用和工业温度范围操 128Kx8 High Speed Static RAM5V Operating/ Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges. 128K x 8 high speed static RAM, 5V operating, 20ns 128K x 8 high speed static RAM, 5V operating, 15ns
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD.
|
MHV2812S MHV2812D MHV2815D MHV2805D MHV2805S MHV28 |
Operating temperature -55掳 to 125掳C Input voltage range 16 to 50 VDC Operating temperature -55° to 125°C Input voltage range 16 to 50 VDC
|
Interpoint Corporation Company
|
SFMC28-461 SFMC28-461F |
Operating temperature -55掳 to 125掳C Qualified to MIL-PRF-38534 Class H and K Operating temperature -55° to 125°C Qualified to MIL-PRF-38534 Class H and K
|
Interpoint Corporation Company
|