PART |
Description |
Maker |
ELH0021CK |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R
|
|
X9271TV14-2.7T1 |
Single Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
|
Intersil, Corp.
|
X9429WS16I X9429WS16IZ X9429WV14IZ-2.7T1 INTERSILC |
Single Digitally Controlled Potentiometer(XDCP? Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14
|
Intersil Corporation Intersil, Corp.
|
ISL6443AIRZ-TK |
300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R DUAL SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp.
|
LT1179A LT1178A LT1179SW LT1178ACH LT1178ACJ8 LT11 |
17盗 Max, Quad, Single Supply, Precision Operational Amplifier 17uA Max, Dual and Quad, Single Supply, Precision Op Amps 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 540 uV OFFSET-MAX, 0.085 MHz BAND WIDTH, PDSO8
|
Linear Integrated Systems Linear Technology, Corp.
|
ISL6545ACBZ-T |
5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R SWITCHING CONTROLLER, 660 kHz SWITCHING FREQ-MAX, PDSO8
|
Intersil, Corp.
|
UA741 UA741IJ |
general purpose single operational amplifiers OP-AMP, 6000 uV OFFSET-MAX, 1 MHz BAND WIDTH, CDIP8 Quad high side smart power solid state relay IC,OP-AMP,SINGLE,BIPOLAR,CAN,8PIN,METAL
|
ST Microelectronics
|
X9119TV14Z-2.7 X9119TV14IZ-2.7 |
Single Digitally-Controlled (XDCP? Potentiometer Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP
|
http:// Intersil Corporation
|
AM25F2 |
Single Supply, Dual Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C ANALOGINSTRUMENT国际清算银行100uA的标
|
Cornell Dubilier Electronics, Inc.
|
X9429YP18I |
Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 18-PDIP 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDIP18
|
Intersil, Corp.
|
EL551-64 EL551-76 EL551-52 EL551-44 EL551-48 EL551 |
Logic IC Multiple Linear Power Controller with ACPI Control Interface; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R 1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN 逻辑IC 2.5MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 24-QSOP 逻辑IC
|
Exar, Corp. TT electronics Semelab, Ltd.
|
ISL28194FHZ-T7 ISL28194FRUZ-T7 ISL2819408 ISL28195 |
Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps Ultra-Small, 330nA and 1µA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps; Temperature Range: Full-Range; Package: 6-SOT-23 T&R OP-AMP, 2500 uV OFFSET-MAX, 0.01 MHz BAND WIDTH, PDSO6
|
Intersil Corporation Intersil, Corp.
|