PART |
Description |
Maker |
CY7C271A-30PC CY7C271A-35WC CY7C271A CY7C271A-25JC |
32K x 8 Power Switched and Reprogrammable PROM 32K X 8 UVPROM, 35 ns, CDIP28 32K x 8 Power Switched and Reprogrammable PROM 32K X 8 OTPROM, 35 ns, PDIP28 Memory : PROMs
|
Cypress Semiconductor, Corp.
|
62C256 IS62C256-7 IS62C256-4 IS62C256-70T IS62C256 |
32K x 8 Low Power CMOS Static RAM(32K x 8 浣????MOS???RAM) 32K x 8 LOW POWER CMOS STATIC RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] ETC[ETC] Integrated Silicon Solution Inc
|
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
ADM660ARZ-REEL ADM660ARUZ-REEL ADM660ARUZ-REEL7 AD |
CMOS Switched-Capacitor Voltage Converter; Package: SOIC; No of Pins: 8; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO8 CMOS Switched-Capacitor Voltage Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO16 CMOS Switched-Capacitor Voltage Converter w/ Low Power Shutdown Pin SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDIP8 CMOS Switched-Capacitor Voltage Converters
|
Analog Devices, Inc.
|
IDT71V256S IDT71V256SA15TP IDT71V256SA15PZI IDT71V |
LOW POWER 3.3V CMOS FAST SRAM 256K (32K x 8-BIT) 32K X 8 CACHE SRAM, 12 ns, PDSO28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
N256S0818HDA N256S0830HDA N256S08XXHDA N256S0818HD |
32K X 8 STANDARD SRAM, 25 ns, PDSO8 256Kb Low Power Serial SRAMs 32K 】 8 bit Organization 256Kb Low Power Serial SRAMs 32K × 8 bit Organization
|
AMI SEMICONDUCTOR
|
MR80C86-2B 8405202QA |
CMOS 16-Bit Microprocessor 的CMOS 16位微处理 MB 31C 31#16 SKT REP 16-BIT, 8 MHz, MICROPROCESSOR, CDIP40
|
Intersil, Corp.
|
HD6473042 HD6433042TF HD6433042VF HD6433042VTF HD6 |
IC TXRX CAN 24V LOW SPEED 16SOIC 32位微控制 IC SRL EE 32K 2.7V 8MAP IC SRL EE 32K 1.8V 8MAP IC SRL EE 32K 2.7V 8TSSOP ABSOLUTE MAXIMUM RATINGS
|
Renesas Electronics, Corp. List of Unclassifed Manufacturers
|
W24258S-70LE W24258S-70LI W24258-70LE W24258-70LI |
32K X 8 CMOS STATIC RAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 From old datasheet system 32K ′ 8 CMOS STATIC RAM
|
Winbond Electronics, Corp. WINBOND[Winbond]
|
IS62LV256- IS62LV256-70TI IS62LV256-70T IS62LV256 |
32K x 8 LOW VOLTAGE STATIC RAM 32K X 8 STANDARD SRAM, 45 ns, PDSO28
|
ISSI[Integrated Silicon Solution, Inc] ISSI[Integrated Silicon Solution Inc] Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
IDT71008S12Y IDT71008S20PH |
cmos static ram 32K*16-BIT 32K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Integrated Device Technology, Inc.
|