PART |
Description |
Maker |
CA176.8PF/-1PF500V CA186.8PF/-0.5PF1000V CA184.7PF |
CAPACITOR, MICA, 500 V, 0.0000068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.0000068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.0000047 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 5000 V, 0.000068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.000015 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.00068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.00047 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 300 V, 0.001 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.0012 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.0039 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.000012 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 500 V, 0.0068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.0027 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.00056 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 1000 V, 0.0018 uF, THROUGH HOLE MOUNT AXIAL LEADED
|
Lattice Semiconductor, Corp. SPC Technology IRC Advanced Film Hokuriku Electric Industry Co., Ltd. TE Connectivity, Ltd. ITT Interconnect Solutions
|
TN2-L2-H-9 TN2-L2-H-9V TN2-12 TN2-L2-H-12V TN2-L2- |
SLIM POLARIZED RELAY Silver Mica Capacitor; Capacitance:300pF; Capacitance Tolerance: /- 5%; Series:CD5; Voltage Rating:50VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:Yes RoHS Compliant: Yes SLIM的极化继电器
|
http:// NAIS[Nais(Matsushita Electric Works)] NAIS[Matsushita Electric Works(Nais)]
|
SV03 SV01KA101JAA SV01KA101KAA SV01KA101MAA SV01HA |
Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: /- 5%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:Yes RoHS Compliant: Yes High Voltage MLC Radials (SV Style) 子午线轮胎高压刚果解放运动(希风格) XTAL,OSC 50.0MHZ 3V 6P SMT POT 2.0K OHM 1/4 SQ CERM SL ST Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: /- 5%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:200pF; Capacitance Tolerance: /- 5%; Series:CD10; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3.6mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:200pF; Capacitance Tolerance: /- 2%; Series:CD10; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3.6mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: 5%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: /- 2%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No LUGS High Voltage MLC Radials (SV Style)
|
AVX, Corp. AVX[AVX Corporation]
|
SMBJ2K4.0 SMBJ2K4.5 SMBJ2K3.0 SMBJ2K30 SMBJ2K5.0 S |
TRANSIENT VOLTAGE SUPPRESSOR Silver Mica Capacitor; Capacitance:3000pF; Capacitance Tolerance: /- 1%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No
|
MICROSEMI[Microsemi Corporation]
|
Q62702-P1029 BPY12 Q62702-P9 BPY12H1 P9 |
Silicon-PIN-Photodiode 硅的PIN光电二极 Silver Mica Capacitor; Capacitance:56pF; Capacitance Tolerance: /- 5%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:Yes RoHS Compliant: Yes From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
Q62702-P128 SFH205 SFH206 SFH206F Q62702-P102 |
Silver Mica Capacitor; Capacitance:50pF; Capacitance Tolerance: 5%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:Yes RoHS Compliant: Yes Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter Silizium Fotodiode麻省理工Tageslichtsperrfilter硅的PIN光电二极管与日光过滤
|
Siemens Semiconductor Group Infineon SIEMENS AG
|
AD842KH AD842KN AD842KQ AD842SH AD842JN AD842JH AD |
Wideband, High Output Current, Fast Settling Op Amp Wideband/ High Output Current/ Fast Settling Op Amp XTAL MTL T/H HC49/U Silver Mica Capacitor; Capacitance:270pF; Capacitance Tolerance: /- 5%; Series:CD16; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.94mm; Leaded Process Compatible:Yes RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:240pF; Capacitance Tolerance: 5%; Series:CD16; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.94mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AD[Analog Devices] Analog Devices, Inc.
|
DDTD143TC DDTD143EC DDTD143EC-7 DDTD123EC DDTD123E |
From old datasheet system NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silver Mica Capacitor; Capacitance:10pF; Capacitance Tolerance: 5%; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
DIODES[Diodes Incorporated] Diodes, Inc.
|
CAT34AC02JA CAT34AC02ZI-TE13 CAT34AC02 CAT34AC02JA |
Silver Mica Capacitor; Capacitance:120pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:2500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:24; Connector Shell Size:24; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Pin; Gender:Female Silver Mica Capacitor; Capacitance:4300pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:2000VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No MB 55C 55#20 SKT RECP 2K-Bit SMBus EEPROM for ACR Card Configuration K位的SMBus对于ACR卡的EEPROM配置 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% K位的SMBus对于ACR卡的EEPROM配置 Mounting Bracket; Body Material:Plastic; Color:Black; Outer Diameter:2.063" RoHS Compliant: Yes K位的SMBus对于ACR卡的EEPROM配置
|
http:// CATALYST[Catalyst Semiconductor] Honeywell International, Inc. KEMET Corporation
|
CAS1A4.7PF/-0.5PF300V CAS1B6.8PF/-0.5PF300V CAS1B4 |
CAPACITOR, MICA, 300 V, 0.0000047 uF, SURFACE MOUNT CHIP CAPACITOR, MICA, 300 V, 0.0000068 uF, SURFACE MOUNT CHIP
|
SPC Technology
|
TS23 |
MICA CAPACITOR
|
Suntan Capacitors
|