PART |
Description |
Maker |
Q62702-C2371 BCR553 |
ECONOLINE: REZ - Cost Effective- 1kVDC & 2kVDC Isolation- Custom Solutions Available- No Extern. Components Required- UL94V-0 Package Material- Efficiency to 85% 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
REC3-2405SR REC3-1205SR REC3-0505SR REC3-0505DR RE |
Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-TO-220 0 to 70 ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE - DC/DC-Converter
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RF-3.33.3SH RF-XX3.3D RF-2405DH RF-2409DH RF-2409S |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC-Converter ECONOLINE -直流/直流转换
|
RECOM Power Inc. RECOM Electronic GmbH
|
RBM-505D RBM-505S RBM-515S RBM-515D RBM-3.31.8S RB |
ECONOLINE - DC/DC - CONVERTER Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; No. of Contacts:128; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight ECONOLINE - DC/DC-CONVERTER ECONOLINE -直流/直流转换
|
http:// RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
MC3346 MC3346D MC3356 MC3356P ON1064 |
ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 - ContinuousShort Circuit Protection ( /P-Suffix) WIDEBAND FSK RECEIVER From old datasheet system GENERAL PURPOSE TRANSISTOR ARRAY
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] ON Semi
|
M5M5V416BTP M5M5V416BTP-70H M5M5V416BTP-85LW M5M5V |
ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost Effective- Efficiency to 85% 4194304位(262144字由16位)的CMOS静RAM 4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM 4194304位(262144字由16位)的CMOS静态RAM Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MAX708TESA MAX706T MAX708TCSA MAX708SEPA MAX708SMJ |
3V Voltage Monitoring, Low-Cost, ?? Supervisory Circuits 3V Voltage Monitoring, Low-Cost, レP Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 103SR Series Unipolar Hall-Effect Digital Position Sensor with 15/32 in cylindrical stainless steel housing; two hex nuts; 1 m [39.4 in] jacketed cable; current sinking output; and Vdc supply voltage 3V Voltage Monitoring / Low-Cost / P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, P Supervisory Circuits 3V VOLTAGE MONITORING, LOW-COST, ヌP SUPERVISORY CIRCUITS 3V Voltage Monitoring Low-Cost P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, μP Supervisory Circuits
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
HFBR-0400 HFBR1402HA HFBR1402HB HFBR1402M HFBR1402 |
Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports FIBER OPTIC TRANSMITTER, 792-865nm, 175Mbps, PANEL MOUNT, DIP, ST CONNECTOR FIBER OPTIC TRANSMITTER, 792-865nm, 175Mbps, PANEL MOUNT, DIP, SMA CONNECTOR Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 低成本,微型光纤器件与ST,形状记忆合金,SC和FC端口 Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports 低成本,微型光纤器件ST,形状记忆合金,SCFC端口 Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports 低成本,微型光纤器件与ST,形状记忆合金,SCFC端口 ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85% Low Cost/ Miniature Fiber Optic Components with ST/ SMA/ SC and FC Ports
|
Agilent(Hewlett-Packard... AGILENT TECHNOLOGIES INC Electronic Theatre Controls, Inc. SUN Electronic Industries, Corp. Agilent(Hewlett-Packard)
|
BYV27 BYV27-50 BYV27-100 BYV27-150 BYV27-200 BYV27 |
Ultra Fast Silicon Mesa Rectifiers 超快速整流器硅梅 ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% ECONOLINE: RQS & RQD - 隔离的直千伏,国际标准的SMD封装:UL94V型封装材料,环形磁场,效率达1% ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Telefunken VISAY[Vishay Siliconix]
|
AMS2501 AMS2501CS AMS2501CS-15 AMS2501CS-18 AMS250 |
Dual 4-Input Multiplexers 16-SOIC -55 to 125 1A VERY LOW DROPOUT VOLTAGE REGULATORS A非常低压差电压调节器 Dual 4-Input Multiplexers 16-PDIP -55 to 125 REC3-SR_DR/H1 Series - Econoline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; Power: 3W; Low Cost 3W converter
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|