PART |
Description |
Maker |
STS4DNF60L 6121 STS4DNF60 |
N-Channel 60V-0.045Ω-4A SO-8 STripFET Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.045Ω- 4A条的SO - 8 STripFET功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.045 - 4A SO-8 STripFET TM POWER MOSFET N-CHANNEL POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFP048 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=70A)
|
International Rectifier Power MOSFET
|
F5E6N |
From old datasheet system 60V SERIES POWER MOSFET
|
SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
|
IRFR9014 IRFU9014 IRFR9014TRL |
HEXFET Power MOSFET HEXFET功率MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D-Pak package -60V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-60V Rds(on)=0.50ohm Id=-5.1A) Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 5.1A
|
IRF[International Rectifier] Samsung semiconductor International Rectifier, Corp.
|
HUF76423S3S HUF76423P3 FN4708 HUF76423S3ST HUF7642 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 36A条(丁)|63AB N-Channel NexFET Power MOSFET 8-SON -55 to 150 33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
STB16NF06L STB16NF06L06 |
N-channel 60V - 0.07Ω - 16A - D2PAK STripFET Power MOSFET N-channel 60V - 0.07楼? - 16A - D2PAK STripFET垄芒 Power MOSFET N-channel 60V - 0.07ヘ - 16A - D2PAK STripFET⑩ Power MOSFET
|
STMicroelectronics
|
IRFZ44VZLPBF IRFZ44VZSPBF IRFZ44VZPBF |
HEXFET㈢ Power MOSFET ( VDSS = 60V , RDS(on) = 12mヘ , ID = 57A ) HEXFET? Power MOSFET ( VDSS = 60V , RDS(on) = 12mΩ , ID = 57A ) HEXFET垄莽 Power MOSFET ( VDSS = 60V , RDS(on) = 12m楼? , ID = 57A )
|
International Rectifier
|
IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=84A) Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A) Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?) Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?
|
IRF[International Rectifier]
|
STQ2NF06L-AP STQ2NF06L |
N-CHANNEL 60V - 0.1 W - 2A TO-92 STripFET II POWER MOSFET N-CHANNEL 60V - 0.1 W - 2A TO-92 STripFET?/a> II POWER MOSFET N-CHANNEL 60V - 0.1 OHM - 2A TO-92 STRIPFET II POWER MOSFET 2000 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
STMicroelectronics ST Microelectronics
|
IRFD9014 |
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 1.1A的) -60V Single P-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier, Corp.
|
FDP13AN06A FDP13AN06A0 FDB13AN06A0 FDB13AN06A0NL |
N-Channel PowerTrench MOSFET 60V, 62A, 13.5mohm N-Channel PowerTrench MOSFET 60V/ 62A/ 13.5m N-Channel PowerTrench MOSFET, 60V, 62A, 0.0135 Ohms 62 A, 60 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel PowerTrench MOSFET 60V, 62A, 13.5mз 62 A, 60 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|