PART |
Description |
Maker |
2SC3114 2SA1246 2SA1246R |
High-VEBO,AF Amp Applications 高VEBO,自动对焦放大器应用 High-VEBO/AF Amp Applications High-VEBOAF Amp Applications High-VEBO,AF Amp Applications 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
ISL6313BCRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications; Temperature Range: 0°C to 70°C; Package: 36-TQFN T&R SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC36
|
Intersil, Corp.
|
ISL6314IRZ-T |
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC32
|
Intersil, Corp.
|
FC156 |
High-Frequency Low-Noise Amp, Differential Amp Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
2SC3778 |
UHF Low-Noise Amp, Wide-Band Amp Applications
|
SANYO[Sanyo Semicon Device]
|
FP201 |
USB 2.0 5-PORT HOST CONTROLLER High-Frequency Amp, Differential Amp Applications
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
2SA1575 2SC4080 2SC4080C 2SA1575C 2SA1575D 2SC4080 |
晶体管|晶体管|进步党| 200伏五(巴西)总裁| 100mA的一(c)|36VAR TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 200MA I(C) | SOT-89 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 100MA I(C) | TO-236VAR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits High-Frequency Amp, Wide-Band Amp Applications High-Frequency Amp/ Wide-Band Amp Applications
|
SANYO[Sanyo Semicon Device]
|
2SA1723 |
High-Frequency Amp, Medium-Power Amp Applications High-Frequency Amp/ Medium-Power Amp Applications
|
Sanyo Semicon Device
|
HDSP-076 HDSP-0760 HDSP-0761 HDSP-0762 HDSP-0773 H |
Hexadecimal and Numeric Displays for Industrial Applications 十六进制数字显示和工业应 16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 48; Container: Rail 16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 48; Container: Tape & Reel HDSP-0961 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0761 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0762 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0772 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0760 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0770 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0771 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0763 · Numeric DIsplays for Industrial Applications HDSP-0960 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0962 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0963 · Numeric DIsplays for Industrial Applications HDSP-0860 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0861 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0862 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0863 · Numeric DIsplays for Industrial Applications
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|