PART |
Description |
Maker |
2SC1741AS 2SD1484 2SD1484K A5800323 2SC3359S 2SC33 |
50V,0.5A medium power transistor Transistors > Small Signal Bipolar Transistors(up to 0.6W) Medium Power Transistor (50V, 0.5A) From old datasheet system Medium Power Transistor (50V/ 0.5A) SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 300MA I(C) | SPAK TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 500MA I(C) | SPAK SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 50V五(巴西)总裁| 500mA的一(c)| SPAK
|
Rohm
|
UTC2SB772NL |
MEDIUM POWER LOW VOLTAGE TRANSISTOR
|
Unisonic Technologies
|
2SB772SL-X-T92-R 2SB772SG-X-T92-R |
MEDIUM POWER LOW VOLTAGE TRANSISTOR
|
Unisonic Technologies
|
XL1225-X-T92-K XL1225G-X-AE3-R XL1225G-X-T92-K XL1 |
MEDIUM POWER LOW VOLTAGE TRANSISTOR
|
Unisonic Technologies
|
2SD882 |
MEDIUM POWER LOW VOLTAGE TRANSISTOR
|
UTC
|
B772SS-Q-AE3-R B772SSL-X-AE3-R B772SS B772SS-E-AE3 |
MEDIUM POWER LOW VOLTAGE TRANSISTOR 中功率低电压晶体
|
Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
B772SSL-X-AE3-R B772SSG-X-AE3-R B772SS09 B772SSG-E |
MEDIUM POWER LOW VOLTAGE TRANSISTOR 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
2SD88205 2SD882L-X-TN3-T 2SD882-C-T6C-B 2SD882-C-T |
MEDIUM POWER LOW VOLTAGE TRANSISTOR 3000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-252
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2SD1280 |
SILICON NPN EPITAXIAL PLANER TYPE(FOR LOW-VOLTAGE TYPE MEDIUM OUTPUT POWER AMPLIFICATION)
|
Panasonic Semiconductor
|
PSP-500 PSP-500-5 PSP-500-15 PSP-500-24 PSP-500-48 |
TRANSDUCER,MAG,1.5Vpp @ 10mA 2048HZ @ 80db,50ohm,2 PINS TRANS,WALL,6VDC/500mA,M2 3.5mm,UL/CSA 100/cs TRANS,WALL,5VDC/225mA,F2, 2.5mm x 5.5mm,UL/CSA 40/cs PFC和并行与500W的功 TRANS,WALL,REG,6VDC/200MA, 2.1mmX5.5mm,F2,UL/CUL PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F1, 2.1mm X 5.5mm,UL,CULC-NEG PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F2 2.1mm x 5.5mm,UL/CSA 50/cs PFC和并行与500W的功 CONN,DSUB,.590"RT,25P-M, LONG,METAL HOUSING W/PC TABS PFC和并行与500W的功
|
Astrodyne, Inc.
|
|