PART |
Description |
Maker |
S5U2178 |
CMOS Low Dropout Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
TLE4274 TLE4274DV50 TLE4274GV50 TLE4274GV85 TLE427 |
From old datasheet system Low-Drop Voltage Regulator 低压降稳压器 Low-Drop Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO2
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BYT230PIV1000 BYT231PIV1000 |
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible Ultra low drop-low noise BiCMOS 300 mA volt. reg. for use with very low ESR output capacitor 与独立二极管组成的阵列|的SOT - 227B
|
STMicroelectronics N.V.
|
KIA78R06API KIA78R08API KIA78R05API KIA78R09API KI |
1A 4-Terminal Low Drop(ON/OFF Controllable) Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
|
Korea Electronics (KEC) KEC Holdings
|
RE024 |
RE024 [Updated 2/03. 11 Pages] A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage. rated for loads of up A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage, rated for loads of up to 160 mA and as low as 5 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
RE028 |
RE028 [Updated 3/03. 9 Pages] The RE028 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 4.5V output voltage. rated for loads up The RE028 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 4.5V output voltage, rated for loads up to 300 mA. It is designed to supply radio frequency synthesizers and used as a controller for the antenna switch.
|
Atmel
|
SM6201 |
Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
TMK316BJ105KL GRM40X7R10 LMK316BJ475ML EMK316BJ105 |
Low Drop Output Voltage Regulator Low Drop Output Voltage Regulator 低压差稳压器输出电压 Fuses, 80mA 250V T IEC GLASS LEAD 低压差稳压器输出电压
|
Impala Linear Corporation AUK[AUK corp] AUK, Corp.
|
TS9000 TS9000ANCX TS9000ANCY TS9000ASCT TS9000AVCT |
Analog IC: Low Drop Out Voltage Regulators 300mA CMOS Low Dropout Voltage Regulator
|
TSC[Taiwan Semiconductor Company, Ltd]
|
SQ2153 |
CMOS Positive Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
S62FP |
CMOS Positive Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
S62FP |
CMOS Positive Voltage Regula tor
|
SeCoS
|