PART |
Description |
Maker |
MX98715AEC-E MX98715 |
SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION
|
MCNIX[Macronix International]
|
MX98715AEC-D |
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
|
MCNIX[Macronix International]
|
DM9102D |
SINGLE CHIP FAST ETHEMET NIC CONTROLLER
|
DAVICOM
|
U336000GBW |
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter, 10-100-1000 Mbps, White
|
Tripp Lite. All Rights ...
|
U336U03GB |
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter with 3 Port USB 3.0 Hub
|
Tripp Lite. All Rights ...
|
MX98L715BEC |
3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
|
Macronix International
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
HFCT-5611 HFBR-5601 HFBR-0573 |
HFBR-5601 · Gigabit Interface Converters (GBIC) for Gigabit Ethernet HFCT-5611 · Gigabit Interface Converters (GBIC) for Gigabit Ethernet HFBR-0573 · Evaluation Kit for GBIC Gigabit Ethernet or Fibre Channel Applications
|
Agilent / Hewlett-Packard HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
AD6485 AD6485JST AD6480 AD6483 AD6483XST AD6483JST |
NEW! Eagle-II USB/Ethernet Bridge Combo An AFE Chip, Part of the EAGLE ADSL CPE Chipset Eagle ADSL PCI-NIC
|
Analog Devices
|