PART |
Description |
Maker |
QL3040-4PB456C QL3040-3PQ208I QL3040-2PB456I QL304 |
40,000 usable PLD gate pASIC 3 FPGA combining high performance and high density. 40000 usable PLD gate pASIC 3 FPGA combining High performance and high density FPGA, 1008 CLBS, 40000 GATES, 225 MHz, PBGA456 40000 usable PLD gate pASIC 3 FPGA combining High performance and high density FPGA, 1008 CLBS, 40000 GATES, 225 MHz, PQFP208
|
QuickLogic, Corp. QuickLogic Corp.
|
MI-27T-IV MI-27T-IW MI-27T-IX MI-27T-IY MI-27T-MV |
InputV:28V; outputV:24V; --W; 30A military DC-DC converter. For military applications InputV:270V; outputV:48V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:28V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:155V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:165V; outputV:24V; 50W; 10A military DC-DC converter. For military applications Military DC-DC Converters 50 to 100W InputV:28V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:155V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:165V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:28V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:165V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:28V; outputV:48V; 50W; 10A military DC-DC converter. For military applications Military DC-DC Converters 50 to 100W
|
http:// Vicor Corporation
|
QL3004-4PL84C QL3004-4PL84I QL3004-4PL84M QL3004-4 |
4,000 usable PLD gate pASIC 3 FPGA combining high performance and high density.
|
QuickLogic
|
HDSP-2133 HDSP-2131 HDSP-2132 HDSP-2179 |
HDSP-2133 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps HDSP-2132 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps HDSP-2131 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps HDSP-2179 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5 X 7 Alphanumeric Displays for Military Applications
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
TE28F160B3T90 28F008B3 28F016B3 28F032B3 28F320B3 |
(TE28F Series) SMART 3 ADVANCED BOOT BLOCK 4-8-16-32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 3V PROM, 110 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 RES 10K-OHM 2% 0.25W 100PPM MET-FILM AXIAL TR-13 R-MIL-PRF-39017 智能高级启动34 - - 6 - 2 - Mbit闪存家庭 TVS UNI-DIR 70V 400W SMA 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 16 FLASH 2.7V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 32 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK, 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE, 8-MBIT (1024K x 8), 16-MBIT (2056K x 8) FLASH MEMORY FAMILY
|
TE Connectivity, Ltd. Intel, Corp. Intel Corp. Intel Corporation
|
MC9S12XEG128MAL S912XET256J2MAA S312XEP100JMAAR S9 |
Microcontrollers MC9S12XEP100 Reference Manual Covers MC9S12XE Family Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members. HCS12X Microcontrollers
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
ST62E65B ST62T60B ST62T63B ST62T65B ST62T81 ST62E4 |
Gang Programmers for ST62 MCU Family(ST62绯诲????绋??) Gang Programmers for ST62 MCU Family(ST62系列的编程器) 为ST62微控制器系列(ST62系列的编程器编程钢) EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY
|
STMicroelectronics N.V. 意法半导 http:// STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
ATL35 |
The ATL35 series ASIC family is fabricated on a 0.35 micron CMOS process with up to four levels of metal. This family features arrays with up to 2.7 million routable gates and 976 pins. The high density and high pin count capabilities of t
|
Atmel
|
ST72XX-EMUX ST72EXX-EPB ST7MDTX-EMU2 |
Real-Time Development Tools for the ST7 MCU Family(ST7系列的实时开发工 EPROM Programming Boards for the ST7 MCU Family(ST7系列EPROM编程
|
意法半导
|