PART |
Description |
Maker |
PIC16C925-I/CL PIC16C925-I/L PIC16C925-I/PT PIC16L |
64/68-Pin CMOS Microcontrollers with LCD Driver This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ...
|
Microchip
|
TCR4S12DWBG TCR4S17DWBG TCR4S34DWBG TCR4S24DWBG TC |
200 mA CMOS Low-Dropout Regulator
|
Toshiba Semiconductor
|
CVPP-200.0 |
VCXO, CLOCK, 200 MHz, CMOS OUTPUT
|
CARDINAL COMPONENTS INC
|
ADP151 ADP151ACBZ-1.2-R7 ADP151ACBZ-1.5-R7 ADP151A |
Ultralow Noise,200 mA, CMOS Linear Regulator
|
Analog Devices
|
PIC16F630-E/P PIC16F630-E/SL PIC16F630-E/ST PIC16F |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into a 14-pin package and featur This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PICMCU architecture into a 14-pin package and features 1
|
Microchip
|
PIC16F818-E/ML PIC16F818-E/P PIC16F818-E/SO PIC16F |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy–to-program (only 35 single word instructions) CMOS Flash-based ...
|
Microchip
|
ADP151ACBZ-1.1-R7 ADP151ACBZ-2.6-R7 ADP151CB-3.3-E |
Ultralow Noise, 200 mA, CMOS Linear Regulator Ultralow Noise, 200 mA, CMOS Linear Regulator
|
Analog Devices
|
BUXXTD2WNVX-E BU23TD2WNVX-XTL |
high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010 high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
|
Rohm
|
PIC16F630T-E/SL PIC16F630T-E/ST PIC16F630T-I/SL PI |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ...
|
Microchip
|
PIC16C554T-04/SO PIC16C554T-04/SS PIC16C554T-04E/S |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ...
|
Microchip
|