PART |
Description |
Maker |
TC5504A |
4096 word x 1 Bit CMOS Static RAM
|
Toshiba
|
M2147H-2 M2147H-3 M2147H |
HIGH SPEED 4096 x 1-BIT STATIC RAM
|
INTEL[Intel Corporation]
|
M2147H-3 |
HIGH SPEED 4096 x 1-BIT STATIC RAM 高096 × 1位静态RAM
|
Intel, Corp.
|
AM2147 |
4096 X 1 Static RAM
|
AMD
|
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|
KM68257E KM68257E-10 KM68257E-12 KM68257E-15 KM682 |
32Kx8 bit high-speed CMOS static RAM (5V operating), 15ns 32Kx8 bit high-speed CMOS static RAM (5V operating), 10ns 32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges. 32Kx8位高速CMOS静态RAMV的工作),在商业和工业温度范围操作 32Kx8 bit high-speed CMOS static RAM (5V operating), 12ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
UPD431000AGU-70LL-9JH UPD431000AGU-70LL-9KH UPD431 |
1M-bit (128K-word by 8-bit) CMOS static RAM, 70ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 100ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 120ns 1M-bit (128K-word by 8-bit) CMOS static RAM, 150ns
|
NEC
|
KM681001B KM681001B-15 KM681001B-20 |
From old datasheet system 128Kx8 Bit High Speed Static RAM(5V Operating), Evolutionary Pin out. 128K x 8 Bit High-Speed CMOS Static RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD.
|
KM681001A KM681001A-15 KM681001A-20 |
128K x 8 Bit High-Speed CMOS Static RAM 128Kx8 Bit High Speed Static RAM(5V Operating), Evolutionary Pin out. From old datasheet system
|
http:// SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
S3P7544 |
Single-chip CMOS microcontroller/ 512 x 4-bit RAM/ 4096 x 8-bit ROM
|
Samsung semiconductor
|
IC62LV25616LL IC62LV25616L IC62LV25616LL-70T IC62L |
256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|
M5M5V216ATP M5M5V216ART D98013_A M5M5V216ATP-55LW |
2097152-bit CMOS static RAM From old datasheet system 2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|