PART |
Description |
Maker |
MAZ2056-A MAZ2051-A MA2360 MA2220 MA2560 MAZ2200-B |
PT 23C 2#16,21#20 SKT PLUG Silicon planar type 33.93 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 12.25 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 5.5 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 5.8 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 5.225 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 硅平面型 Silicon planar type 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 17.4 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 24.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
Panasonic Corporation Panasonic, Corp.
|
URSF05G49-5P URSF05G49-1P URSF05G49-3P |
THYRISTOR SILICON PLANAR TYPE LOW POWER SWITCHING AND CONTROL APPLICATIONS TOSHIBA THYRISTOR SILICON PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
S6A13 |
Thyristor Silicon Planar Type Condenser Discharge Control Applications TOSHIBA Thyristor Silicon Planar Type
|
Toshiba Semiconductor
|
SF10J41A SF10G41A |
THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS TOSHIBA THYRISTOR SILICON PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
MAZ7360 MAZ7150 MAZ7220 MAZ7220-A MAZ7220-B MAZ705 |
Silicon planar type Silicon planar type 26.05 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 47 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 56 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 12.25 V, 0.8 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 (MAZ7000 Series) Silicon planar type
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
UP04314 |
Silicon NPN epitaxial planar type (Tr1) / Silicon PNP epitaxial planar type (Tr2)
|
PANASONIC[Panasonic Semiconductor]
|
DMG964010R |
Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
|
Panasonic Semiconductor
|
XP4654 XP04654 |
Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
|
PANASONIC[Panasonic Semiconductor]
|
NP043A2 |
Composite Device - Composite Transistors Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2) 80 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp.
|
2SB1492 2SD2254 2SB1490 2SD2250 |
Silicon NPN triple diffusion planar type Darlington(For power amplification) Silicon PNP epitaxial planar type Darlington(For power amplification)
|
PANASONIC[Panasonic Semiconductor]
|
UP04315 |
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
1SV322 |
Diode Silicon Epitaxial Planar Type TCXO/VCO TOSHIBA Diode Silicon Epitaxial Planar Type
|
Toshiba Semiconductor
|