PART |
Description |
Maker |
408-8737 |
The die assembly consists of an indenter die and nest die. Each die is held in the tool by a single screw
|
Tyco Electronics
|
K4R881869 K4R881869M-NCK8 K4R881869M-NBCCG6 |
288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
K4R881869 K4R881869M K4R881869M-NCK8 K4R881869M-NB |
288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
|
Samsung Electronic SAMSUNG [Samsung semiconductor] SAMSUNG[Samsung semiconductor]
|
AM29F200B01 AM29F200BT-90DWI1 AM29F200B AM29F200BB |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
|
AMD[Advanced Micro Devices]
|
AM29F400B-1 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1
|
AMD
|
AM29F400BT-90DTI2 AM29F400BT-90DTE2 AM29F400BT-90D |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 2
|
Advanced Micro Devices, Inc.
|
HYB25D256400BT HYB25D256800BC-7 HYB25D256400BT-7 H |
256Mbit (64Mx4) DDR200 (2-2-2) ?的256Mbit4Mx4)DDR200-2-2)? 256Mbit (64Mx4) DDR333 (2.5-3-3) 256Mbit (16Mx16) DDR200 (2-2-2) 256Mbit (32Mx8) DDR200 (2-2-2) 256Mbit (32Mx8) DDR266A (2-3-3) 256Mbit (64Mx4) DDR266A (2-3-3) 256Mb (64Mx4) FBGA DDR266A (2-3-3) 256-Mbit Double Data Rate SDRAM/ Die Rev. B 256-Mbit Double Data Rate SDRAM, Die Rev. B
|
http:// Infineon Technologies AG Infineon Technologies A...
|
AM29LV200B03 AM29LV200BT-60RDRC AM29LV200BT-60RDRI |
128K X 16 FLASH 3V PROM, 70 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
|
SPANSION LLC AMD[Advanced Micro Devices] http://
|
AT93C56AY1-10YU-1.8 AT93C56AY6-10YH-1.8 AT93C56A-1 |
Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
|
ATMEL Corporation
|
M3488Q1 1424 M3488B1 |
256 X 256 DIFGITAL SWITCHING MATRIX From old datasheet system 256 X 256 DIFGITAL SWITCHING MATRIX
|
ST Microelectronics STMicroelectronics
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
LH5420-P-35 LH5420-P-30 LH5420-P-25 |
256 x 36 x 2 Bidirectional FIFO 256 × 36 × 2双向先进先出
|
Sharp Corporation Sharp, Corp.
|