PART |
Description |
Maker |
HWB3163-EVAL FN4794 |
PRISM II?/a> 11Mbps Wireless Local Area Network PC Card PRISM II⑩ 11Mbps Wireless Local Area Network PC Card From old datasheet system PRISM II 11Mbps Wireless Local Area Network PC Card PRISM II11Mbps Wireless Local Area Network PC Card
|
Intersil Corporation
|
COM20022I3V-HT |
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM 1 CHANNEL(S), 10M bps, LOCAL AREA NETWORK CONTROLLER, PQFP48
|
SMSC, Corp.
|
STM500-2 STM326-2 STM351-2 STM376-2 STM401-2 STM42 |
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
|
STMICROELECTRONICS[STMicroelectronics] http://
|
MT90868 |
32,768 x 8,192 Channels High Bandwidth Digital Switch with up to 128 Streams on Backplane and 128 Streams on Local and Data Rates From 8 to 32 Mbps
|
Zarlink Semiconductor
|
592-0000-002 592-3000-002 592-3030-013 592-3031-00 |
3mm Bi-level Prism CBI Surface Mount LED BI-COLOR T-1 DUAL COLOR LED ARRAY, YELLOW/GREEN, 3 mm ROHS COMPLIANT PACKAGE-8 3mm Bi-level Prism? CBI? Surface Mount LED BI-COLOR
|
Dialight Corporation Dialight PLC
|
ISL38001M-EVAL ISL38001M-CD |
ISL38001M PRISM GT miniPCI IEEE 802.11g, 802.11b WLAN NIC ISL38001M PRISM GT miniPCI IEEE 802.11g/ 802.11b WLAN NIC ISL38001M PRISM GTminiPCI IEEE 802.11g, 802.11b WLAN NIC ISL38001M棱镜燃气轮机⑩的miniPCI IEEE 802.11g的,802.11b无线局域网网卡
|
Intersil Corporation Intersil, Corp.
|
ISL38601M-CD ISL38601M-EVAL |
ISL38601M PRISM GT miniPCI IEEE 802.11g, 802.11b WLAN NIC ISL38601M PRISM GT miniPCI IEEE 802.11g/ 802.11b WLAN NIC 5015 RR 2#16S PIN RECP ISL38601M棱镜燃气轮机⑩的miniPCI IEEE 802.11g的,802.11b无线局域网网卡 ISL38601M PRISM GTminiPCI IEEE 802.11g, 802.11b WLAN NIC ISL38601M棱镜燃气轮机⑩的miniPCI IEEE 802.11g的,802.11b无线局域网网卡
|
Intersil Corporation Intersil, Corp.
|
ISL38001C-CD ISL38001C-EVAL |
PTSE 8C 8#20 STR PLUG Circular Connector; No. of Contacts:10; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:12-10 RoHS Compliant: No ISL38001C PRISM GT Cardbus32 IEEE 802.11g/ 802.11b WLAN NIC ISL38001C PRISM GT Cardbus32 IEEE 802.11g, 802.11b WLAN NIC
|
Intersil Corporation
|
595-2201-002 595-2201-007 595-2401-002 595-2701-00 |
2mm Prism CBI Circuit Board Indicator Surface Mount LED SINGLE COLOR LED, HIGH INTENSITY GREEN, 1.83 mm 2mm Prism CBI Circuit Board Indicator Surface Mount LED SINGLE COLOR LED, YELLOW, 1.83 mm
|
Dialight PLC
|
593-323232-002-F 593-323232-013-F 593-303032-013-F |
3mm Tri-level Prism CBI Surface Mount LED BI-COLOR
|
Dialight Corporation
|
592-3535-002 592-3535-013 |
3mm Bi-level Prism CBI Surface Mount LED TRI-COLOR
|
Dialight Corporation
|