PART |
Description |
Maker |
SB5200 |
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 5.0A
|
Leshan Radio Company
|
FDS2582 |
Discrete Commercial N-Channel UltraFET TRENCH MOSFET, 150V, 4.5A, 0.060 Ohm @ Vgs = 10V, SO-8 Package 12 AMP MINIATURE POWER RELAY N-Channel PowerTrench MOSFET 150V/ 4.1A/ 66m N-Channel PowerTrench MOSFET 150V, 4.1A, 66mз N-Channel PowerTrench MOSFET 150V, 4.1A, 66m?/a>
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SB01-15CP SB01-15CP-E |
DIODE SCHOTTKY 150V 0.1A 3CP 150V, 100mA Rectifier
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
ACDBMT1200-HF ACDBMT1150-HF ACDBMT1100-HF ACDBMT14 |
Low Profile SMD Schottky Barrier Rectifiers Halogen Free Schottky Barrier Diodes, V-RRM=200V, V-R=200V, I-O=1A Halogen Free Schottky Barrier Diodes, V-RRM=150V, V-R=150V, I-O=1A Halogen Free Schottky Barrier Diodes, V-RRM=100V, V-R=100V, I-O=1A Halogen Free Schottky Barrier Diodes, V-RRM=40V, V-R=40V, I-O=1A Halogen Free Schottky Barrier Diodes, V-RRM=60V, V-R=60V, I-O=1A
|
Comchip Technology
|
HUF75925D3ST HUF75925P3 HUF75831SK8 |
3A/ 150V/ 0.095 Ohm/ N-Channel/ UltraFET Power MOSFET 11A, 200V, 0.275 Ohm, N-Channel, UltraFETPower MOSFETs 11A, 200V, 0.275 Ohm, N-Channel, UltraFET Power MOSFETs 11A 200V 0.275 Ohm N-Channel UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
16YQ150C |
16A 150V Hi-Rel Schottky Discrete Diode in a TO-257AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 16 Amp, 150V
|
International Rectifier
|
16CYQ150C |
16A 150V Hi-Rel Schottky Common Cathode Diode in a TO-257AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 16 Amp, 150V
|
IRF[International Rectifier]
|
IRF5NJ3315 |
150V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.08ohm, Id=20A) SURFACE MOUNT (SMD-0.5) 150V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=150V/ Rds(on)=0.08ohm/ Id=20A)
|
IRF[International Rectifier]
|
IRF5802 IRF5802TR |
150V Single N-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package Power MOSFET(Vdss=150V, Id=0.9A) Power MOSFET(Vdss=150V/ Id=0.9A) 0.9 A, 150 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IRF[International Rectifier]
|
CDBB1100LR-HF CDBB1150LR-HF CDBB1200LR-HF CDBB140L |
Halogen Free Low VF Schottky Barrier, V-RRM=100V, V-R=100V, I-O=1A Halogen Free Low VF Schottky Barrier, V-RRM=150V, V-R=150V, I-O=1A Halogen Free Low VF Schottky Barrier, V-RRM=200V, V-R=200V, I-O=1A Halogen Free Low VF Schottky Barrier, V-RRM=40V, V-R=40V, I-O=1A Halogen Free Low VF Schottky Barrier, V-RRM=60V, V-R=60V, I-O=1A
|
Comchip Technology
|
CDBMTS1100-HF CDBMTS1150-HF CDBMTS1200-HF CDBMTS14 |
Halogen Free Schottky Barrier Diodes, V-RRM=100V, V-R=100V, I-O=1A Halogen Free Schottky Barrier Diodes, V-RRM=150V, V-R=150V, I-O=1A Halogen Free Schottky Barrier Diodes, V-RRM=200V, V-R=200V, I-O=1A Halogen Free Schottky Barrier Diodes, V-RRM=40V, V-R=40V, I-O=1A Halogen Free Schottky Barrier Diodes, V-RRM=60V, V-R=60V, I-O=1A
|
Comchip Technology
|
|