PART |
Description |
Maker |
X4ODC24A X4ODC15A |
Input/Output Module; Input Current Max:15mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:30.5V; Supply Voltage Min:18V; Output Voltage Max:200V; Output Voltage Min:5V Input/Output Module; Input Current Max:20mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:20V; Supply Voltage Min:10V; Output Voltage Max:200V; Output Voltage Min:5V
|
CRYDOM CORP
|
PS2805C-4-V-F3 PS2805C-4-V-F3-A PS2805C-1-V-F3-A P |
HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
|
California Eastern Labs
|
VRPB-15E VRPB-15E33L |
NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 非隔离式DC / DC转换.5 13.2 V输入0.9 V 5.0V/15 A输出 NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 1-OUTPUT 48.5 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
VRPC-04C500 |
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A 1-OUTPUT 20 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
0RCY-60TV20 0RCY-60T10 BELFUSEINC-0RCY-60T12LG |
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick 1-OUTPUT 18 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. Bel Fuse Inc.
|
XRPF-20A1A0 VRPF-20A1A0 0RPF-20A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-5.0 V/20 A Output 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
SRAH-03H120 VRAH-03H120 SRAH-03H500 VRAH-03H500 XR |
NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output 1-OUTPUT 15 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse Inc. Bel Fuse, Inc.
|
SRDC-16D180 SRDC-16D18D SRDC-16D18S |
NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A 1-OUTPUT 29 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. Bel Fuse Inc.
|
AEH60K48 AEH60G48 AEH60F48 AEH60Y48 AEH60G48N ALH6 |
1-OUTPUT DC-DC REG PWR SUPPLY MODULE Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
|
Astec America, Inc
|
NFC40-24S15 NFC40-24T05-12-M NFC40-24S05 NFC40-24S |
1-OUTPUT 40 W DC-DC REG PWR SUPPLY MODULE Single and triple output 40 Watt Wide input DC/DC converters
|
ARTESYN[Artesyn Technologies]
|
S7AH-03C1A0 X7AH-03C1A0 S7AH-03C090 S7AH-03C120 S7 |
NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output 1-OUTPUT 3.6 W DC-DC REG PWR SUPPLY MODULE 非隔离式DC / DC转换器输3.3V输入0.9V-2.5V/3A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|