PART |
Description |
Maker |
SP3 |
Balanced input microphone preamplifier with tone controls
|
rfsolutions.ltd
|
MC74VHC1GT32DTT1 MC74VHC1GT32DFT1 MC74VHC1GT32 MC7 |
Single 2 Input OR Gate, TTL Level 2-Input OR Gate/CMOS Logic Level Shifter
|
ONSEMI[ON Semiconductor]
|
MS6894MGTR MS6894MGU MS6894 |
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
|
MOSA ELECTRONICS
|
BSP78 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 10 Watts Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BSP78 |
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart)
|
Siemens Semiconductor G...
|
HD74LV1GT14A HD74LV1GT14ACME HD74LV1GT14AVSE HD74L |
LV/LV-A/LVX/H SERIES, 1-INPUT INVERT GATE, PDSO5 Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
SSM216003 SSM2160SZ SSM2160SZ-REEL |
6-Channel, Clickless Serial Input Balance/Master Volume Control 6-Channel, Serial Input Master/Balance Volume Controls
|
Analog Devices
|
S1P2655A03 S1P2655A05 S1P2655A01 S1P2655A02 S1P265 |
Linear integrated circuit. Input level TTL, CMOS 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR SOP-16 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR DIP-16 LT Series Water Resistant Linear Position Transducer, 76,2 mm [3.0 in] Electrical Travel, 1.0 % Linearity, Cable Termination, Item Number F58000203 Level Meter Linear integrated circuit. Input level DTL, TTL, PMOS, CMOS
|
ITT, Corp. TE Connectivity, Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
MAX1840 MAX1840EUB MAX1841EUB 2222 MAX1841 |
Low-Voltage SIM/Smart Card Level Translators in uMAX Low-Voltage SIM/Smart-Card Level Translators in µMAX Low-Voltage SIM/Smart Card Level Translators in MAX Low-Voltage SIM/Smart Card Level Translators in μMAX From old datasheet system Low-Voltage SIM/Smart Card Level Translators in レMAX
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MC74VHCT32AD MC74VHCT32ADT ON1750 MC74VHCT32AM MC7 |
Quad 2-Input OR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
TC426IJA TC426COA TC428IJA TC427EOA TC428 TC427EPA |
The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage ... The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage level swing. The CMOS output is within 25mV of ground or positive supply. The low impedance, high-curre (TC426 - TC428) 1.5A Dual High-Speed Power MOSFET Drivers
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
MAX3374EEBL-T MAX3374EEKA-T MAX3390EEBC-T MAX3390E |
??5kV ESD-Protected, 1??, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP SPECIALTY INTERFACE CIRCUIT, PDSO14 15kV ESD-Protected, 1レA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD保护1µA16Mbps、双/四路、低电压电平转换器,UCSP封装 5kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP Serdes (Serializer/Deserializer) Transmitter 56-TSSOP ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|