PART |
Description |
Maker |
AD8044ARZ-14-REEL7 |
Quad 150 MHz Rail-to-Rail Amplifier
|
Analog Devices, Inc.
|
AD8661ACPZ-R2 AD8661ACPZ-REEL AD8661ACPZ-REEL7 AD8 |
16 V Precision Quad CMOS Rail - to - Rail Operational Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1200 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD8616 AD8616AR AD8616ARM AD8618AR AD8618ARU AR861 |
Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers Precision 20 MHz CMOS Dual Rail-to-Rail Operational Amplifier Precision 20 MHz CMOS Quad Rail-to-Rail Operational Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX4400 MAX4400AUK-T MAX4400AXK-T MAX4401 MAX4401A |
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown 四路、低成本、单电源、满摆幅运算放大器,带有关断 Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown OP-AMP, 6500 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDSO6 Single/Dual/Quad / Low-Cost / Single-Supply / Rail-to-Rail Op Amps with Shutdown
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD8648 AD8648ARZ-REEL AD8648ARZ-REEL7 AD8648ARZ AD |
LOW COST, 24 MHZ, RAIL-TO-RAIL, QUAD AMPLIFIERS
|
Analog Devices
|
OP196 OP496 OP496GS OP296 |
Micropower / Rail-to-Rail Input and Output Operational Amplifiers Micropower, Rail-to-Rail Input and Output Operational Amplifiers QUAD OP-AMP, 650 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
LMX358 LMX358AKA-T LMX358ASA LMX358AUA LMX321 LMX3 |
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps DUAL OP-AMP, 6000 uV OFFSET-MAX, 1.3 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / General-Purpose / Low-Voltage / Rail-to-Rail Output Op Amps Single/Dual/Quad/ General-Purpose/ Low-Voltage/ Rail-to-Rail Output Op Amps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor http://
|
MAX4490 MAX4490AUK-T MAX4490AXK-T MAX4491 MAX4491A |
Quadruple RS-485 Differential Line Drivers 16-PDIP -40 to 85 QUAD OP-AMP, 16000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO14 Low-Cost / High-Slew-Rate / Rail-to-Rail I/O Op Amps in SC70 Low-Cost, High-Slew-Rate, Rail-to-Rail I/O Op Amps in SC70
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] http://
|
5962-9461003HYC 5962-9461003HYA 5962-9461003HZC 59 |
Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and ±15kV ESD Protection Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable x32 Flash EEPROM Module X32号,闪存EEPROM模块
|
Vishay Intertechnology, Inc.
|
AD82403 AD824ARZ-14 |
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp QUAD OP-AMP, 4000 uV OFFSET-MAX, 2 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|