PART |
Description |
Maker |
LT1464 LT1464ACN8 LT1464ACS8 LT1464CN8 LT1464CS8 L |
Dual/Quad Micropower/ 1MHz C-Load Picoampere Bias Current JFET Input Op Amps Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1400 uV OFFSET-MAX, 0.87 MHz BAND WIDTH, PDIP14
|
LINER[Linear Technology] Linear Technology, Corp.
|
OP-497GY OP-497 OP-497AY OP-497BRC_883 OP-497BY OP |
QUAD OP-AMP, 150 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, CQCC20 LCC-20 PRECISION PICOAMPERE INPUT CURRENT QUAD OPERATIONAL AMPLIFIER 精密PICOAMPERE输入电流四运算放大器
|
AD[Analog Devices] Analog Devices, Inc.
|
AD705AQ AD705JCHIPS AD705JN AD705JR AD705JR-REEL A |
Picoampere Input Current Bipolar Op Amp
|
AD[Analog Devices]
|
AD706_02 |
Dual Picoampere Input Current Bipolar Op Amp
|
AD[Analog Devices]
|
LT1024MD LT1024AMD LT1024ACD LT1024 LT1024C LT1024 |
Dual,Matched,Picomapere,Microvolt Input,Low Noise Op Amp(双路,匹配型,微微安培,微伏输入,低噪声运算放大 DualMatched Picoampere Microvolt InputLow Noise Op Amp Dual, Matched Picoampere, Microvolt Input Low Noise Op Amp From old datasheet system Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp Dual /Matched Picoampere / Microvolt Input /Low Noise Op Amp
|
Linear Technology Corporation LINER[Linear Technology]
|
AD705TQ/883B AD705JCHIPS AD705JR-REEL AD705JR-REEL |
Picoampere Input Current Bipolar Op Amp(输入微微安培电流双极性运 Picoampere输入电流双极运算放大器(输入微微安培电流双极性运放)
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LT1462CS8TRPBF |
Dual/Quad Micropower, 260µW C-Load Picoampere Bias Current JFET Input Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 2800 uV OFFSET-MAX, 0.14 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
AM27128A-20JC AM2764A-30DC AM27128ALE AM27128ALEB |
20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 8-Bit OTPROM Family 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C High Voltage 1.5A, 200kHz Step-Down Switching Regulators; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Micropower SOT-23 Low Dropout Reference Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C High Voltage 3A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 1.3 MHz/650kHz Step-Up DC/DC Converter in SC70 and ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise Step-Down Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Precision, High Side Current Sense Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 500mA/50MHz Current Feedback Line Driver Amplifier; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 400MHz, 2500V/µs, 9mA Single/Dual Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Overvoltage Fault Protected CAN Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C Single Resistor Gain Programmable, Precision Instrumentation Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 400MHz, 2500V/µs, 9mA Single/Dual Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Overvoltage Fault Protected CAN Transceiver; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 500mA, 200MHz xDSL Line Driver Amplifier; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 3µA IQ, 20mA Low Dropout Linear Regulators; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 85°C 10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Slew Rate Controlled Ultralow Noise 1A Isolated DC/DC Transformer Driver; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C Dual Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 60V Fault Protected RS485/RS422 Transceivers; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise Step-Down Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Precision, High Side Current Sense Amplifiers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8 EPROM x8存储 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 Precision, High Side Current Sense Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C
|
Advanced Micro Devices 电流感应放大 Welwyn Components, Ltd. Amphenol, Corp. Honeywell International, Inc. Electronic Theatre Controls, Inc. Rochester Electronics, LLC Microchip Technology, Inc. Vicor, Corp. Peregrine Semiconductor, Corp. Glenair, Inc. Austin Semiconductor, Inc
|
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
74LVC00ABQ 74LVC00AD |
Quad 2-input NAND gate 输入与非 Quad 2-input NAND gate LVC/LCX/Z SERIES, QUAD 2-INPUT NAND GATE, PQCC14 74LVC00A; Quad 2-input NAND gate
|
NXP Semiconductors N.V. Philips
|
CD4001BC CD4011BC CD4001BCMX CD4011BCMX CD4001BCM |
From old datasheet system Quad 2-Input NOR Buffered B Series Gate • Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 16-Bit Bus Transceiver And Register With 3-State Outputs 56-TSSOP -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
|