PART |
Description |
Maker |
AD5200 AD5210 AD5210AD5212AD5215SERIES AD5210SERIE |
2-Channel/ 256-Position Digital Potentiometer 12-Bit Successive Approximation High Accuracy A/D Converters 12-Bit Successive Approximation High Acquisition A/D Converter -18V; 12-bit successive approximation high accuracy A/D converter
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1605ACSW LTC1605ACG LTC1605AISW LTC1605IG LTC16 |
16-Bit/ 100ksps/ Sampling ADC 8-Bit, 45.5 kSPS ADC Serial Out, Low Power, Compatible to TLC540/545/1540, Single Ch. 8-SOIC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 16-Bit, 100ksps, Sampling ADC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
CS5012A-KP12 CS5012A-BP12 CS5012-BD7 CS5016-SE16B |
1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP40 PLASTIC, DIP-40 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP40 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CQCC44
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
LTC1272-5ACN LTC1272-8CMJ/883B LTC1272-8ACJ |
12-Bit, 3µs, 250kHz Sampling A/D Converter; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX186DC/D MAX186CCWP MAX186 MAX186EAP MAX186AEAP |
Low-Power, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 Fixed-Point Digital Signal Processor 384-FC/CSP 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, CDIP20 Low-Power 8-Channel Serial 12-Bit ADCs(245.70 k) 低功通道串行12位ADC45.70十一 Fixed-Point Digital Signal Processor 352-FCBGA 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 Low-Power / 8-Channel / Serial 12-Bit ADCs
|
Maxim Integrated Products, Inc.
|
MCP3021 MCP3021A7T-E_OT MCP3021A0T-E_OT MCP3021A1T |
The Microchip Technology Inc. MCP3021 is a successive approximation A/D converter with 10-bit resolution. Available in the SOT-23 package, this device provides one, single-ended input with very low power consumption. Based on an advanced C The Microchip Technology Inc. MCP3021 is a successive approximation A/D converter with 10-bit resolution. Available in the SOT-23 ... Low Power 10-Bit A/D Converter With I2C⑩ Interface
|
MICROCHIP[Microchip Technology]
|
AD7922 AD7922ARM-REEL7 AD7922AUJ-R2 AD7912AUJ-R2 A |
2-Channel/ 2.35 V to 5.25 V/ 1 MSPS/ 10-/12-Bit ADCs ER 2C 2#16S PIN RECP 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
AD7940 AD7685 EVAL-CONTROLBRD2 AD7680 AD7683 AD768 |
3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23 3MW的,100ksps4位ADC引脚SOT - 23 3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6 World's Smallest 14-Bit SAR in a SOT-23 Package 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6 3.3V, 2.7Gbps Dual 2 x 2 Crosspoint Switch World’s Smallest 14-Bit SAR in a SOT-23 Package
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1278-4C LTC1278-4CN LTC1278-4I LTC1278-4IN LTC1 |
12-Bit, 500ksps Sampling A/D Converter with Shutdown 12位,500ksps与关机采样A / D转换 12-Bit, 500ksps Sampling A/D Converter with Shutdown 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 12-Bit, 500ksps Sampling A/D Converter with Shutdown 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
|
Linear Technology Corporation Linear Technology, Corp.
|
AM25L04 AM25L02 AM25L03 |
LOW POWER EIGHT-BIT/TWELVE BIT SUCCESSIVE APPROXIMATION REGISTERS
|
List of Unclassifed Manufacturers ETC[ETC] Unknow
|
AD7672TE10 AD7672LN05 AD7672LN10 AD7672UQ05 AD7672 |
Reed Relay; Contacts:SPST; Contact Carry Current:1A; Coil Voltage DC Max:24V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CQCC28 LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|