PART |
Description |
Maker |
2DI50Z-100 |
Power transistor module for high power switching, Ac and DC motor control applications Super-Lag Renewable Fuses,and Fuse Links (LKs), 600VAC, 30Amps
|
COLLMER SEMICONDUCTOR INC FUJI ELECTRIC HOLDINGS CO., LTD.
|
BCX54-10 BCX54-16 BCX55-10 BCX55-16 BCX54 BCX56-16 |
Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229P 晶体管的SOT - 89 NPN medium power transistors
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
FZ800R33KF1 FS150R12KF4 FD400R12KF4 |
TRANSISTOR | IGBT POWER MODULE | INDEPENDENT | 3.3KV V(BR)CES | 800A I(C) TRANSISTOR | IGBT POWER MODULE | 3-PH BRIDGE | 1.2KV V(BR)CES | 150A I(C) TRANSISTOR | IGBT POWER MODULE | INDEPENDENT | 1.2KV V(BR)CES | 400A I(C) 晶体管| IGBT功率模块|独立| 1.2KV五(巴西)国际消费电子展|四楼一(c
|
Infineon Technologies AG
|
MP4305 |
Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching. TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
BCW33LR BCW32LR BCW33RL BCW60A |
NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AA FUSE 100A 32V MIDI BOLT-ON Fuse Holder; Mounting Type:PC Board; Body Material:Phenolic; Contact Plating:Tin; Current Rating:20A; Leaded Process Compatible:Yes; Voltage Rating:125V SMALL SIGNAL TRANSISTOR, TO-236AB
|
VISHAY SPRAGUE
|
BUT30V03 BUT32V03 WM872104 BUT30V_03 BUT30V |
NPN TRANSISTOR POWER MODULE Internet Audio DAC with Integrated Headphone Driver NPN TRANSISTOR POWER MODULE
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] WOLFSON
|
R459002 R459.375 R459.250 R459001 R459003 R459004 |
FUSE SMD 62MA VERY FAST 保险丝贴2MA特快 FUSE SMD 3A VERY FAST 贴片保险A条特快 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 保险丝贴A条特快 FUSE SMD 1.5A VERY FAST FUSE SMD 2.5A VERY FAST FUSE SMD 500MA VERY FAST SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits PICO SMF Very Fast-Acting Type Fuse 459 Series
|
TE Connectivity, Ltd. Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
BC859C BC860B BC860C BC859 BC859_860_4 BC860 BC859 |
High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 From old datasheet system PNP general purpose transistors Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes FUSE, SLO-BLO, .25A,250V,5X20MM TRANSISTOR SOT-323
|
NXP Semiconductors Philips Semiconductors
|
AA016A AA025A AA06A AA010A AA032A |
FUSE 16A HRC FUSE 25A HRC FUSE 6A HRC FUSE 10A HRC 保险0A条人权委员会 FUSE 32A HRC
|
Cooper Bussmann, Inc.
|
CPW235P CPW256P |
TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 250V V(BR)DSS | 16A I(D) 晶体管| MOSFET功率模块|独立| 250V五(巴西)直| 16A条(丁) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 500V V(BR)DSS | 14A I(D)
|
Atmel, Corp.
|
KE524575HB KD621K20HB |
TRANSISTOR | BJT POWER MODULE | 3-PH BRIDGE | DARLINGTON | 450V V(BR)CEO | 75A I(C) TRANSISTOR | BJT POWER MODULE | HALF BRIDGE | DARLINGTON | 850V V(BR)CEO | 200A I(C) 晶体管|晶体管电源模块|半桥|达林顿| 850V五(巴西)总裁| 200安培我(丙)
|
CERAMATE TECHNOLOGY CO., Ltd.
|