PART |
Description |
Maker |
FK1 |
Fuse links for rated voltage up to 32 V
|
Littelfuse, Inc.
|
153.5395.617 153.5395.622 153.5395.620 153.5395.62 |
BF2-Fuse links for rated voltage up to 32 V
|
LITTELFUSE[Littelfuse]
|
NHFSC00B NH00CG10 NH00CG100 NH00CG16 NH00CG2 NH00C |
NH Fuse Links 信息NH熔断
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
GH710 GH710-15 |
GH Industrial HRC Fuse Links
|
Cooper Bussmann, Inc.
|
177.5325.0001 177.5395.0001 |
BF2-Fuseholder for Fuse links up to 58 V
|
LITTELFUSE[Littelfuse]
|
178-4265-0002 |
FLR PCB FUSE HOLDER FOR ATO? STYLE BLADE FUSE RATED 58V
|
Littelfuse
|
4305.0001 4305.0016 4305.0026 4305.0011 |
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
|
Schurter Inc.
|
155.0892.5751 155.0892.5501 155.0892.6121 155.0892 |
CF8-Fuse links for rated voltage up to 58 V CF8用于额定电压58保险丝链 TV 37C 37#22D SKT RECP CF8用于额定电压58保险丝链 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV07; Number of Contacts:37; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight TV 19C 19#20 SKT RECP TV 18C 18#20 PIN RECP Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV07; No. of Contacts:37; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight TV 18C 18#20 SKT RECP
|
Molex, Inc. Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
BC0 AC2 AAO10 CD0823G4I AC6 SSD2 BFD1-31/LL BFD1-3 |
Circuit Protection Solutions Low Voltage Fuse Links Catalogue Circuit Protection Solutions Low Voltage Fuse Links Catalogue
|
Cooper Bussmann, Inc.
|
279.6850.1602 279.6850.0402 279.6850.0602 |
FH3-Fuseholder for fuse links up to 80 V FH3 -保险丝的熔断体高80 V
|
Littelfuse, Inc.
|
170M1562D 170M1563D 170M1561D 170M1560D 170M1564D |
HIGH SPEED Dual Indication Fuse-Links Square Body DIN 43620 - 690V (IEC/UL), Size 000 to 00, 10 to 315 Amps HIGH SPEED Dual Indication Fuse-Links Square Body DIN 43620 - 690V (IEC/UL), Size 000 to 00, 10 to 315 Amps
|
Cooper Bussmann, Inc.
|