PART |
Description |
Maker |
04611.25ERT 0461.500ERT 0461002.ERT |
Telecom NANO2?Fuse and Teccor TeleLink? Fuse Telecom NANO2?Fuse 461 Series and Teccor TeleLink? Fuse
|
Littelfuse
|
0154003.DR 0154.062DRL 0154.062DRTL 0154.080DRTL 0 |
NANO2? > 154 OMNI-BLOK? Fuse and Holder Combination 154/154T/154L/154TL Series OMNI-BLOK? Fuse and Holder Assembly Easy fuse replacement Miniature size Wide operating temperature range
|
Littelfuse
|
254208 254 254001 254002 254003 254004 254005 2540 |
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
|
Littelfuse, Inc. LITTELFUSE[Littelfuse] http://
|
STK6982 STK6981H STK6980 STK6980BII STK6980H STK69 |
SWITCH, HIGH V, QUAD SPST, SOIC16; Resistance, Rds on:4R; Pins, No. of:16; Case style:SOIC; Base number:452; Logic function number:452 RoHS Compliant: Yes 4-PHASE STEPPING MOTOR DRIVE FOR UNIPOLAR CONSTANT-CURRENT CHOPPER DRIVER (STK698x) 4-PHASE STEPPING MOTOR DRIVE
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
225125 225100 25508080001 239250P 250R120 229350 2 |
2AG Fast-Acting Fuse Insulating Nuts for CF8 Fuse 5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse POLYFUSE Resettable PTCs Radial Leaded 2AG Slo-Blo Fuse Battery Clamp for CF8 Fuse Rated 58V SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
|
AZDISPLAYS LITTELFUSE[Littelfuse]
|
FNQ-4 |
Cartridge Fuse; Current Rating:4A; Voltage Rating:500V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Fiber; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
0443002.DR 044303.5DR 044302.5DR 044301.5DR 044300 |
Surface Mount Fuses NANO2? > 250V > Time Lag > 443 Series
|
Littelfuse
|
170M3171 170M4066 170M3216 170M3214 170M3019 170M6 |
ELECTRIC FUSE, 500A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 630A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 160A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 800A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 80A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 200000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
BK/PCB-2-1/2-R BK/PCC-3-R BK/PCB-3-R TR/PCD-5-R |
FUSE 2-1/2A 250V FAST PCTRON LNG FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON SHRT FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON LONG FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE Fuse; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
BCX71JL BCX71GL |
Cartridge Fuse; Current Rating:62.5mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:31.75mm RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Vitesse Semiconductor, Corp.
|
|