PART |
Description |
Maker |
UN11006 UNH0106 |
Circuit Protector Devices - Circuit Protector Elements
|
Panasonic
|
UNH0008 |
Circuit Protector Devices - Circuit Protector Elements
|
Panasonic
|
UNH0012 |
Circuit Protector Devices - Circuit Protector Elements
|
Panasonic
|
NP0900SBMCT3G NP3500SCMCT3G NP2300SBMCT3G NP2600SB |
Low Cap TSPD Surge Devices - 80A 98 V, 30 A, SILICON SURGE PROTECTOR, DO-214AA Low Cap TSPD Surge Devices 400 V, SILICON SURGE PROTECTOR, DO-214AA Low Cap TSPD Surge Devices - 80A 260 V, 30 A, SILICON SURGE PROTECTOR, DO-214AA Low Cap TSPD Surge Devices - 80A 300 V, 30 A, SILICON SURGE PROTECTOR, DO-214AA Low Cap TSPD Surge Devices - 80A 130 V, 30 A, SILICON SURGE PROTECTOR, DO-214AA Low Cap TSPD Surge Devices
|
ON Semiconductor
|
A5030A A5030U A5030Z F1251T P0080SAMC P0300ZA P030 |
solid state crowbar devices 25 V, four-port metallic line protector 65 V, four-port longitudinal two-chip protector 58 V, four-port longitudinal two-chip protector 120 V, four-port metallic line protector 90 V, four-port metallic line protector 75 V, four-port metallic line protector 58 V, ethernet/10 base T/100 Base T protector 65 V, four-port metallic line protector 275 V, two-chip microcapacitance sidactor device 100 V, LCAS asymmetrical multiport device 400 V, multiport balanced sidactor device 100 mA, battrax quad negative SLIC protector 160 mA, battrax quad negative SLIC protector 200 mA, battrax quad negative SLIC protector 400 V, balanced three-chip sidactor device 200 mA, battrax dual negative SLIC protector 58 V, multiport SLIC protector 75 V, multiport SLIC protector 100 mA, battrax dual negative SLIC protector 160 mA, battrax dual negative SLIC protector 65 V, multiport SLIC protector 95 V, multiport SLIC protector 550 V, 50 mA, high surge current sidactor device 25 V, four-port longitudinal two-chip protector 90 V, four-port longitudinal two-chip protector 120 V, four-port longitudinal two-chip protector 190 V, four-port longitudinal two-chip protector 275 V, four-port longitudinal two-chip protector
|
Teccor Electronics
|
CR4202AA CR4202AB CR6002AA CR0300 CR0602AB CR0602A |
Thyristors (SiBOD Breakover Devices) 88 V, 100 A, SILICON SURGE PROTECTOR, DO-214AA DO-214, 2 PIN 40 V, 50 A, SILICON SURGE PROTECTOR, DO-214AA DO-214, 2 PIN 180 V, 500 A, SILICON SURGE PROTECTOR MODIFIED TO-220, 3 PIN 88 V, 500 A, SILICON SURGE PROTECTOR, DO-214AA DO-214, 2 PIN 160 V, 50 A, SILICON SURGE PROTECTOR, DO-214AA DO-214, 2 PIN
|
List of Unclassifed Man... List of Unclassifed Manufacturers ETC[ETC] N.A. Crydom, Inc.
|
NANOSMDM075F |
PolySwitch PTC Devices / Circuit Protection Devices
|
Tyco Electronics
|
UNH1001 |
Circuit Protector Elements
|
Panasonic
|
UNHS200 |
Circuit Protector Elements
|
Panasonic Semiconductor
|
UNHZ201 |
Circuit Protector Elements
|
Panasonic Semiconductor
|
NTE15005E09 NTE15006E NTE15008E NTE15020E NTE15022 |
Integrated Circuit Protector
|
NTE Electronics
|
|