PART |
Description |
Maker |
TC9318AFBG TC9318AFAG |
Single Chip DTS Microcontroller (DTS-21)
|
Toshiba Semiconductor
|
TC9321F |
SINGLE CHIP DTS MICROCONTROLLER (DTS-10)
|
TOSHIBA
|
UPD17136B UPD17136BCT-XXX UPD17136BGT-XXX UPD17934 |
17K series 4B microcomputer on-chip ROM (2048x16), RAM(112x4) 0.9V operating portable DTS controller 17K series 4B microcomputer on-chip ROM (1024x16), RAM (112x4) Automobile DTS controller Small general-purpose/remote-control 4-bit single-chip microcontroller Small general-purpose/remote-control 4-bit SC microcontroller(OTP version) OTP version 4-bit single-chip microcontroller 4-bit microcomputer 17K series with on-chip OTPROM 4-bit single-chip microcomputer with ROM(4Kx16), RAM(110x4) MOS integrated circuit UPD17402 OTP version Car-mounted DTS controller 4-bit single-chip microcomputer 17K series with PLL synthesizer General-purpose compact 4b micropomputer with 4K PROM
|
NEC
|
TC9304F-027 E005479 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:4; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle SINGLE CHIP DTS MICRO CONTROLLER (DTS-10) From old datasheet system
|
Toshiba Corporation Toshiba Semiconductor
|
TC9316 TC9316F TC9316FA TC9316FB E005513 |
From old datasheet system DTS MICRO CONTROLLER CONTAINING PLL, LCD DRIVER (DTS-11)
|
TOSHIBA[Toshiba Semiconductor]
|
TC93P27F |
DTS Microcontroller (DTS-21) TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
|
Toshiba Semiconductor
|
TC9307-018 TC9307-019 |
SINGLECHIP DTS MICRO CONTROLLER (DTS-12)
|
TOSHIBA
|
TC9328AF04 |
Portable Audio DTS Controller (DTS-21)
|
Toshiba Semiconductor
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
MB90F927PF-GE1 MB90F927PFV-GE1 MB90F927SPFV-GE1 MB |
16-bit Microcontrolle
|
Fujitsu Component Limited.
|
MB89945PF |
8-bit Proprietary Microcontrolle
|
Fujitsu Media Devices Limited
|