PART |
Description |
Maker |
TC40H273 |
Octal D-Type Filp-Flop
|
Toshiba
|
TC74HC564AP07 TC74HC564AF TC74HC564AP TC74HC574AF |
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Filp-Flop with 3-State Output
|
Toshiba Semiconductor
|
SK10EL31W SK100EL31W |
D Filp-Flop with Set and Reset(10K系列,带设置和复位的D触发属高速ECL逻辑系列)) D Filp-Flop with Set and Reset(100K系列,带设置和复位的D触发属高速ECL逻辑系列)) 吸顶-翻牌的设置和复位00K的系列,带设置和复位触发器(属高速ECL逻辑系列))
|
Semtech Corporation Semtech, Corp.
|
74ABT534APWDH 74ABT534A 74ABT534AD 74ABT534ADB 74A |
Octal D-type flip-flop, inverting 3-State ABT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 From old datasheet system Octal D-type flip-flop, inverting (3-State)
|
NXP Semiconductors N.V. IRF[International Rectifier] Philips
|
TC74HCT574AFW TC74HCT574AF TC74HCT574AP E004956 |
OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT From old datasheet system OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTOUTS
|
Toshiba Semiconductor
|
MC74LVX374DWR2 MC74LVX374DWR2G MC74LVX374MG 74LVX3 |
Octal D-Type Flip-Flop with 3-State Outputs; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LV/LV-A/LVX/H SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flop with 3-State Outputs With 5V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
MM74HCT574 MM74HCT573 MM74HCT573MTC MM74HCT573N MM |
Octal D-Type Latch • 3-STATE Octal D-Type Flip-Flop Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
|
FAIRCHILD[Fairchild Semiconductor]
|
AT27C040 AT27C040-12JC AT27C040-12JI AT27C040-90PI |
Octal Transparent D-Type Latch With 3-State Output 20-VQFN -40 to 125 512K X 8 OTPROM, 120 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 512K X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 512K X 8 OTPROM, 90 ns, PDIP32 4-Megabit 512K x 8 OTP EPROM 512K X 8 OTPROM, 150 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
M74HC534RM13TR M74HC534B1R M74HC534M1R |
HC/UH SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDIP20 OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT (INVERTING)
|
STMicroelectronics ST Microelectronics
|
74AC377MTC |
Octal D-Type Flip-Flop with Clock Enable AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp.
|
74ACT374MSAX 74AC374SC 74AC374MTC |
Octal D Flip-Flop with 3-STATE Outputs; Package: SSOP; No of Pins: 20; Container: Tape & Reel ACT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flop with 3-STATE Outputs
|
Fairchild Semiconductor, Corp.
|
74HC273 74HCT273 74HC273D 74HCT273D 74HC273PW 74HC |
Octal D-type flip-flop with reset positive-edge trigger 74HC/HCT273; Octal D-type flip-flop with reset; positive-edge trigger
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|