PART |
Description |
Maker |
SBT150-10J |
100V, 15A ? 100V/ 15A 100V, 15A 整流素子
|
Sanyo Semicon Device
|
S15D40 S15D60 S15D30 S15D50 |
SCHOTTKY BARRIER RECTIFIERS(15A,70-100V)
|
MOSPEC[Mospec Semiconductor]
|
RURH1515CC |
15A, 100V - 200V Ultrafast Dual Diodes 15A00V 200伏超快双二极
|
Harris, Corp.
|
SBT150-10JS |
Schottky Barrier Diode (Twin Type ・ Cathode Common) 100V, 15A Rectifier
|
Sanyo Semicon Device
|
STD15NF10 |
N - CHANNEL 100V - 0.073ohm - 15A TO-252 LOW GATE CHARGE STripFET POWER MOSFET
|
STMicroelectronics
|
OM5007ST OM5005ST OM5006ST OM5002ST OM5001ST OM500 |
15 Amp, 50 To 600 Volts, 35 To 50 ns trr 100V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE 600V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 150V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package
|
IRF[International Rectifier]
|
CDBB2100LR-HF |
Halogen Free Low VF Schottky Barrier, V-RRM=100V, V-R=100V, I-O=2A
|
Comchip Technology
|
PVD1354NS PVD1352NS |
100V 1 Form A Photo Voltaic Relay in a mod. 8-pin SMT Package 100V A型相片光伏继电器在国防部8引脚SMT封装
|
International Rectifier, Corp.
|
FQB34P10TM FQB34P10TM-F085 |
100V P-Channel MOSFET -33.5A, -100V, RDS(on) = 0.06Ω @VGS = -10 V
|
Fairchild Semiconductor
|
FDS3672 FDS3672NL |
N-Channel PowerTrench MOSFET 100V/ 7.5A/ 22m N-Channel PowerTrench MOSFET 100V, 7.5A, 22mз Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 7.5A, 0.022 Ohm @ Vgs = 10V, SO-8 Package
|
FAIRCHILD[Fairchild Semiconductor]
|
NR4270MU-CC-AZ NR4270MU-CC |
CAP 2200PF 100V 100V X7R RAD.20 .20X.20 TR-16 R-MIL-PRF-39014 NECs SUPERLATTICE APD MODULE WITH INTERNAL PREAMPLIFIER FOR 10 Gb/s APPLICATIONS
|
http:// California Eastern Laboratories CEL[California Eastern Labs]
|