PART |
Description |
Maker |
2SD5041 |
Transistor. AF output amplifier for electronic flash unit. Collector-base voltage Vcbo = 40V. Collector-emitter voltage Vceo = 20V. Emitter-base voltage Vebo = 7V. Collector dissipation Pc(max) = 0.75W. Collector current Ic = 5A. Transistors
|
Usha India Ltd.
|
CM150DUS-12F |
IGBT Module; Continuous Collector Current, Ic:150A; Collector Emitter Saturation Voltage, Vce(sat):2V; Power Dissipation, Pd:520W; Collector Emitter Voltage, Vceo:600V 150 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc.
|
2SA539 |
Low frequency amplifier. Collector-base voltage: Vcbo = -60V. Collector-emitter voltage: Vceo = -45V. Emitter-base voltage Vebo = -5V. Collector dissipation: Pc(max) = 400mW.
|
USHA India LTD
|
DC337-16-25-40 BC327-16 BC328-16 ON0144 BC328-25 |
Amplifier Transistors(PNP Silicon) From old datasheet system PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage) CASE 29-04, STYLE 17 TO-2 (TO-26AA)
|
ON Semiconductor Siemens Semiconductor Group
|
2SB1073 |
Low collector-emitter saturation voltage VCE(sat) Large peak collector current ICP
|
TY Semiconductor Co., Ltd
|
DS1393U-18 DS1392U-33 DS1393U-33 DS1390 DS1390U-3 |
RIBBON CABLE, 40WAY, PER M; Cores, No. of:40; Conductor make-up:7/36AWG; Wire size, AWG:28AWG; Impedance:119R; Pitch:1.27mm; Voltage rating, AC:50V; Colour:Grey; Capacitance:70.5pF/m; Approval Bodies:UL; Approval category:Style RoHS Compliant: Yes Low-Voltage SPI/3-Wire RTCs with Trickle Charger 1 TIMER(S), REAL TIME CLOCK, PDSO10 IGBT Module; Continuous Collector Current, Ic:200A; Collector Emitter Saturation Voltage, Vce(sat):3.4V; Power Dissipation, Pd:1500W; Collector Current:200A; Collector Emitter Voltage, Vceo:1.2kV; Leaded Process Compatible:No RoHS Compliant: No
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor
|
2SB806 |
High collector to emitter voltage: VCEO?120V. Collector-base voltage VCBO -120 V
|
TY Semiconductor Co., Ltd
|
MAX692 MAX692CPA MAX692EJA MAX692EPA MAX692MJA MAX |
Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-CFP -55 to 125 微处理器监控电路 IGBT Module; Transistor Polarity:N Channel; Collector Emitter Voltage, Vceo:1.2kV; Collector Emitter Saturation Voltage, Vce(sat):3.2V; Power Dissipation, Pd:1140W; Package/Case:Module; C-E Breakdown Voltage:1200V From old datasheet system POWER SUPPLY SUPERVISOR,CMOS,DIP,16PIN,PLASTIC Microprocessor Supervisory Circuits
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products Inc MAXIM - Dallas Semiconductor
|
2SC3513 |
Collector-base voltage VCBO 15 V Collector-emitter voltage VCEO 11 V
|
TY Semiconductor Co., Ltd
|
PC865 PC865-SERIES |
High Sensitivity/ Low Collector Dark Voltage Type Photocoupler Current/ High Collector-emitter High Sensitivity, Low Collector Dark Voltage Type Photocoupler Current, High Collector-emitter High Sensitivity, Low Collector Dark Current, High Collector-emitter Voltage Type Photocoupler
|
SHARP[Sharp Electrionic Components]
|