PART |
Description |
Maker |
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
BAT62-02L BAT62-02W BAT62-08S BAT62-07W BAT62-03W |
Latest Silicon Discretes - Schottky Diode for power leveling Schottky Diodes - Low barrier silicon RF Schottky diode for detectors Schottky Diodes - Low barrier silicon RF Schottky diode array
|
Infineon
|
IRF7534D1 IRF7534D1TR |
-20V FETKY - MOSFET and Schottky Diode in a Micro 8 package FETKY MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.055ohm, Schottky Vf=0.39V) Co-packaged HEXFET Power MOSFET and Schottky Diode(同封HEXFET晶体管和肖特基二极管)
|
IRF[International Rectifier]
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
CMSSH-3E CMSSH-3SE CMSSH-3AE CMSSH-3CE |
SMD Schottky Diode Dual: High Current: Common Anode SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
STPS130U STPS130 STPS130A |
1 A, 30 V, SILICON, SIGNAL DIODE, DO-214AA POWER SCHOTTKY RECTIFIER SCHOTTKY RECTIFIERS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SB20150CT |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
|
Gulf Semiconductor
|
SB20100 |
Schottky Pack: TO-220AC SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
|
Gulf Semiconductor
|
SB120E SB130E SB140E SB150E SB160E |
Schottky Pack: A-405 SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
|
Gulf Semiconductor
|
95HQ015 |
15V 95A Schottky Discrete Diode in a DO-203AB (DO-5) package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|