PART |
Description |
Maker |
M4A3-512_256-10FAC M4A5-96/48-10VC M4A5-96/48-10VI |
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5.5 ns, PQCC44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQCC44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQCC44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP48 CONNECTOR ACCESSORY CAP 1500UF 100V ELECT KMH SNAP High Performance E 2 CMOS In-System Programmable Logic
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
UPSD3212A-40T6 UPSD3212A-40T6T UPSD3212A-40U6 UPSD |
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic Flash Programmable System Device with 8032 MCU with USB and Programmable Logic Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
|
ST Microelectronics
|
ISPLSI2064VE ISPLSI2064VE-100LB100 ISPLSI2064VE-10 |
3.3V In-System Programmable High Density SuperFAST?PLD 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 7 ns, PQFP44 CRYSTAL 16.0 MHZ 20PF SMD EE PLD, 13 ns, PQFP100 CRYSTAL 20.0 MHZ 20PF SMD RES 180K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 3.3V In-System Programmable High Density SuperFAST PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 280 MHz 3.3V in-system prommable superFAST high density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
XC95108 XC95108-10 XC95108-7TQ100C XC95108-7PQ160C |
XC95108 In-System Programmable CPLD FLASH PLD, 15 ns, PQCC84 Product Specification From old datasheet system XC95108 In-System Programmable CPLD
|
Xilinx, Inc. XILINX[Xilinx, Inc]
|
8600V ISPLSI8600V-90LB272 ISPLSI8600V-125LB492 ISP |
3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 24 ns, PBGA492 3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 24 ns, PBGA272 GT 14C 14#16 SKT RECP LINE EE PLD, 16 ns, PBGA492 3.3V In-System Programmable SuperBIGHigh Density PLD 3.3在系统可编程SuperBIG⑩高密度可编程逻辑器件 3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 13.5 ns, PBGA492
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
XC18V00-SERIES-OF-IN-SYSTEM-PROGRAMMABLE XC18V256V |
XC18V00 Series of In-System Programmable Configuration PROMs In-system programmable configuration PROM.
|
Xilinx
|
ISPLSI2032A-110LT48I ISPLSI2032A-135LJI ISPLSI2032 |
In-System Programmable High Density PLD EE PLD, 8 ns, PQFP44 In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件 In-System Programmable High Density PLD EE PLD, 10 ns, PQCC44 In-System Programmable High Density PLD EE PLD, 10 ns, PQFP48 In-System Programmable High Density PLD EE PLD, 7.5 ns, PQFP44
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
LC5512MB-45F208C LC5768MB-45F208C LC5512MB-45F208I |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD垄芒 Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD?/a> Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD?Family
|
Lattice Semiconductor http://
|
CY8C2946610 CY8C29666-24LFXI CY8C29566-24AXI CY8C2 |
PSoC庐 Programmable System-on-Chip??/a> PSoC? Programmable System-on-Chip?/a>
|
Cypress Semiconductor
|
ML2035 ML2035IP ML2035CP |
DC - 25kHz Programmable Sinewave Generator Serial Input Programmable Sine Wave Generator From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|