PART |
Description |
Maker |
IDT79R3081-20J IDT79R3081-33 IDT79R3081-25 IDT79RV |
RISController with FPA 32-BIT, 20 MHz, RISC PROCESSOR, PQFP100 5-Pin MFP High Speed Transistor Output Optocoupler; Package: Full Pitch MFP; No of Pins: 5; Container: Tape & Reel RISController与FPA 5-Pin MFP High Speed Transistor Output Optocoupler; Package: Full Pitch MFP; No of Pins: 5; Container: Tape & Reel 32-BIT, 40 MHz, RISC PROCESSOR, PQCC84 RISController with FPA 32-BIT, 33.33 MHz, RISC PROCESSOR, PQFP100 5-Pin MFP High Speed Transistor Output Optocoupler RISController与FPA RISController with FPA 32-BIT, 33.33 MHz, RISC PROCESSOR, CQFP84 RISController with FPA 32-BIT, 25 MHz, RISC PROCESSOR, PQFP100 RISController with FPA 32-BIT, 25 MHz, RISC PROCESSOR, CQFP84 RISController with FPA 32-BIT, 33.33 MHz, RISC PROCESSOR, PQCC84 RISController with FPA 32-BIT, 40 MHz, RISC PROCESSOR, PQCC84 RISController with FPA RISController与FPA 4-pin Full Pitch MFP 250V Random Phase Triac Driver Output Optocoupler Voltage Tracker Linear Voltage Regulators for Automotive Applications; Package: PG-SOT223-4; Regulator Type: single output; Output Voltage: 5V; Accuracy: 2.0 %; Max. Output Current: 100mA; Dropout Voltage: 250mV 600V Random Phase Triac Driver 5mA; ; No of Pins: 4; Container: Tape & Reel 600V Random Phase Triac Driver 5mA; Package: Full Pitch MPF; No of Pins: 4; Container: Box 4-pin Full Pitch MFP 600V Random Phase Triac Driver Output Optocoupler; ; No of Pins: 4; Container: Box
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
IDT79R3081 IDT79R3081E IDT79RV3081 IDT79R3081-33 I |
RISController with FPA
|
IDT[Integrated Device Technology]
|
IDT79R3041 IDT79R3041-16 IDT79R3041-20 IDT79R3041- |
32-bit Low-Cost CPU. **NOT RECOMMENDED FOR NEW DESIGNS** INTEGRATED RISController FOR LOW-COST SYSTEMS INTEGRATED RISController? INTEGRATED RISController⑩ FOR LOW-COST SYSTEMS
|
IDT[Integrated Device Technology]
|
IDT79RC4650 |
Low-Cost 64-bit RISController w/DSP Capability
|
Integrated Device Technology
|
79RC32V364100DAI 79RC32364 79RC32V364133DAI |
RISController Embedded 32-bit Microprocessor, based on RISCore32300 RISController嵌入32位的基础上RISCore32300微处理器
|
Integrated Device Technology, Inc.
|
79RV3041-16PF 79RV3041-16J 79R3041-33J 79R3041-33P |
INTEGRATED RISController垄芒 FOR LOW-COST SYSTEMS INTEGRATED RISController?/a> FOR LOW-COST SYSTEMS INTEGRATED RISController FOR LOW-COST SYSTEMS
|
Integrated Device Technology
|
IDT79RC4650 79RV4650_DS_45412 IDT79RV4650-150DP ID |
R4650 Low Cost, DSP Capable 64-bit RISC CPU **NOT RECOMMENDED FOR NEW DESIGNS** From old datasheet system Low-Cost 64-bit RISController w/DSP Capability
|
IDT
|
IDT79RV3041 IDT79R3041 IDT79R3041-20 IDT79R3041-33 |
INTEGRATED RISController?/a> FOR LOW-COST SYSTEMS Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT01; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle; Body Style:Straight INTEGRATED RISControllerFOR LOW-COST SYSTEMS
|
Integrated Device Technology, Inc.
|