PART |
Description |
Maker |
SS6896CGBG SS6896CGTR |
1.4MHz Current-Mode Step-Up DC/DC Converter
|
Silicon Standard Corp.
|
ACT408811 |
28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
|
Active-Semi, Inc
|
LTC3416 LTC3416EFE |
4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking 4A, 4MHz, MonolithicSynchronous Step-DownRegulator with Tracking
|
LINER[Linear Technology]
|
LT3480-15 |
36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
|
Linear Technology
|
LT3480 |
38V, 2A, 2.4MHz Step-Down Switching Regulator with 70µA Quiescent Current
|
Linear Technology
|
LT3480EMSE-TR LT3480IMSE-TR LT3480EDD-PBF LT3480ID |
36V, 2A, 2.4MHz Step-Down Switching Regulator with 70μA Quiescent Current
|
Linear Technology
|
5962-8982301MTX 5962-8982301MZX 5962-8982304QXX 59 |
Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) Field Programmable Gate Array (FPGA) 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 SOT23, Switched-Capacitor Voltage Inverters with Shutdown 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 现场可编程门阵列(FPGA
|
Electronic Theatre Controls, Inc.
|
ADP1864 ADP1864AUJZ-R7 ADP1864-EVAL |
The ADP1864 is a compact, inexpensive, constant-frequency current-mode step-down DC-to-DC controller From old datasheet system Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1433CGNTR LTC1433-15 |
450mA, Low Noise Current Mode Step-Down DC/DC Converter; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 1.2 A SWITCHING REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO16 450mA, Low Noise Current Mode Step-Down DC/DC Converters
|
Linear Technology, Corp.
|
NR887D |
Current Mode Control, Synchronous Rectifier Step-down Switching Mode
|
Sanken electric
|
SI-8205NHD11 |
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
|
http://
|