PART |
Description |
Maker |
ADM3491 ADM3491AR ADM3491AN ADM3491ARU |
3.3 V/ Full Duplex/ 840 uA 20 Mbps/ EIA RS-485 Transceiver 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:90V; Continuous Drain Current, Id:0.86A; On-Resistance, Rds(on):4ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-205AD; Drain-Source Breakdown Voltage:90V RoHS Compliant: No 3.3V, Full Duplex, 840uA, 20Mbps, EIA RS-485 Transceiver
|
Analog Devices, Inc.
|
ATA5823 MICRF600 MICRF600TR |
902-928MHz ISM Band Transceiver Module From old datasheet system UHF ASK/FSK multi-channel half-duplex and full-duplex transceiver
|
MICREL[Micrel Semiconductor]
|
MAX13181E MAX13181EELB MAX13182E MAX13182EELB MAX1 |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN 5.0V, 【15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
|
http:// Maxim Integrated Products
|
LAN91C100-FD LAN91C100FDREVD |
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY 2 CHANNEL(S), 100M bps, LOCAL AREA NETWORK CONTROLLER, PQFP208
|
SMSC Corporation SMSC, Corp.
|
AM79C971 AM79C971KCW AM79C971VCW |
PCnet?FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus IC LOGIC 16211 24-BIT FET BUS SWITCH -40 85C TSSOP-56 35/TUBE PCnetFAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
|
Advanced Micro Devices, Inc.
|
SP491ES SP490 SP490_05 SP490CN SP490CN_TR SP490CS |
Full Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
SP1490E SP1490ECN SP1490ECN_TR SP1490ECP SP1490EEN |
Full Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
QN8026 |
High Performance Full Duplex FM Transceiver
|
Quintic Corporation
|
ADM2482E ADM2487E |
2.5 kV Signal Isolated, ESD Protected, Full/Half Duplex RS-485 Transceiver w/ Transformer Driver (16 Mbps) 2.5 kV Signal Isolated, ESD Protected, Full/Half Duplex RS-485 Transceiver w/ Transformer Driver (500 kbps)
|
Analog Devices
|
MAX14852 |
2.75kVRMS Isolated 500kbps/25Mbps Full-Duplex
|
Maxim Integrated Produc...
|
CS6420-CS 6420 CD6420 CS6420 |
From old datasheet system FULL DUPLEX SPEAKERPHONE CHIP
|
CIRRUS[Cirrus Logic]
|
MAX1481 MAX1481CUB MAX1481EUB MAX1481-MAX1486 MAX1 |
Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in ??AX Package Software-Selectable / Half-/Full-Duplex / Slew-Rate-Limited / 12Mbps / RS-485/RS-422 Transceivers in MAX Package Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in µMAX Package Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in MAX Package Software-Selectable Half-/Full-Duplex Slew-Rate-Limited 12Mbps RS-485/RS-422 Transceivers in MAX Package Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in uMAX Package
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|