PART |
Description |
Maker |
HDSP-335X HDSP-N10X HDSP-555X HDSP-751X HDSP-A10X |
Low Current Seven Segment
|
HP[Agilent(Hewlett-Packard)]
|
TDSL315010 |
Low Current 10 mm Seven Segment Display
|
Vishay Siliconix
|
TDSL1150 TDSL1160 TDSL11_0 |
Low Current 7 mm Seven Segment Display From old datasheet system
|
Vishay Telefunken
|
HDN1105G HDN1107O HDN1107G HDN1105O HDN1105 |
0.39(10MM) SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT
|
SIEMENS[Siemens Semiconductor Group]
|
TDSL5160 TDSL5150 TDSL51_0 |
From old datasheet system Low Current 13 mm Seven Segment Display
|
Vishay Telefunken VISAY[Vishay Siliconix]
|
LTS-2301AWC |
0.28 INCH DIGIT HEIGHT SINGLE DIGIT LOW CURRENT SEVEN SEGMENT DISPLAY
|
Lite-On Technology Corporat...
|
DM9368 DM9368N DM9638N 9368 |
7-Segment Decoder/Driver/Latch with Constant Current Source Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HDSP-8601 HDSP-8606 HDSP-8603 HDSP-8605 HDSP-N156 |
Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Tape & Reel 20毫米.8英寸),七段显示 20 mm (0.8 inch) Seven Segment Displays 20毫米.8英寸),七段显示 Octal General-Purpose Interface Bus Transceiver 20-SOIC 0 to 70 20毫米.8英寸),七段显示 Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs 20毫米.8英寸),七段显示 HDSP-3906-EF000 · 20 mm (0.8 inch) Overflow Character Displays HDSP-8606-EF000 · 20 mm (0.8 inch) Overflow Character Displays HDSP-3900-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8601-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3901-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3903-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8603-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-4206 · 20 mm (0.8 inch) Overflow Character Displays HDSP-8606 · 20 mm (0.8 inch) Overflow Character Displays HDSP-3906 · 20 mm (0.8 inch) Overflow Character Displays HDSP-4201 · 20 mm (0.8 inch) Seven Segment Displays HDSP-4203 · 20 mm (0.8 inch) Seven Segment Displays HDSP-4205 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3901 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3903 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3905 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8601 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8603 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8605 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N151 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N153 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N155 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N156 · 20 mm (0.8 inch) Overflow Character Displays
|
NXP Semiconductors N.V. 3M Company Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
1N4106 1N4104 1N4135-1 1N4099 1N4099-1 1N4100 1N41 |
28 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 LOW CURRENT OPERATION AT 250 uA 低电流操作,50微安 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) SPC 16/ 7-ST-10,16 Low Current Operation at 250μA,Low Reverse Leakage,Low Noise Zener Diode(250μA工作电流、小反向漏电流、低噪声、齐纳二极管)
|
Compensated Deuices Inc... Microsemi, Corp. CDI-DIODE[Compensated Deuices Incorporated] Compensated Devices Incorporated Compensated Deuices Incorpo...
|
BL-SE500A-11G-XX BL-SE500A-11D-XX BL-SE500A-11UR-X |
127.0mm (5.0) numeric segment series, BIG SEGMENT DISPLAY
|
BetLux Electronics
|
BL-SE700A BL-SE700A-11D-XX BL-SE700A-11E-XX BL-SE7 |
176mm (7.0) numeric segment series, BIG SEGMENT DISPLAY
|
BetLux Electronics
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|