PART |
Description |
Maker |
1N4944GP 1N4946GP 1N4947GPE 1N4944GPE/4G 1N4942GP |
1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN Diodes Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay Beyschlag
|
SSF3AG SSF3BG SSF3CG SSF3DG SSF3FG SSF3GG |
Super Fast Recovery Pack: DO-201AD ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 3.0A
|
Gulf Semiconductor
|
GBPC25 GBPC GBPC35 GBPC12 GBPC15 GBPC2504 GBPC3504 |
12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers Aluminum Polymer Radial Lead Capacitor; Capacitance: 680uF; Voltage: 6.3V; Case Size: 10x13 mm; Packaging: Bulk 12/ 15/ 25/ 35 Ampere Glass Passivated Bridge Rectifiers 25 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电5A,重复反相电压峰00V)) 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers 12555安培玻璃钝化整流 25 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V)) 15 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V))
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
1N5624GP 1N5625GP 1N5626GP |
Glass Passivated Junction Rectifiers, Forward Current 3.0A, Rev. Voltage 400V Glass Passivated Junction Rectifiers, Forward Current 3.0A, Rev. Voltage 600V
|
Vishay
|
SSF1AG SSF1BG SSF1CG SSF1DG SSF1FG SSF1GG |
Super Fast Recovery Pack: DO-41 ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 1.0A
|
GULF SEMI Gulf Semiconductor
|
MUR240 |
Ultra Fast Recovery Pack: DO-15 GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 400V CURRENT:2.0A
|
Gulf Semiconductor
|
1N4007G |
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER, Reverse Voltage - 50 to 1300 Volts, Forward Current - 1.0Amperes TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
|
Chenyi Electronics http://
|
MP1510 MP1505 MP1507 MP1503 MP154 MP158 MP151 MP15 |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes) 单相玻璃钝化硅桥式整流器(电压范50000伏特,电流十五安培) (MP1505 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (MP151 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
|
RECTRON[Rectron Semiconductor]
|
15SMC68A 1.5SMC10A 1.5SMC100A 1.5SMC8.2A 1.5SMC6.8 |
TVS: Unidirectional Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(?荤┛?靛?9.1V,????荤???????????靛?????? UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压9.1V,单向玻璃钝化节点瞬变电压抑制 FLK 14/EZ-DR/1000 KONFEK Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压6.8V,单向玻璃钝化节点瞬变电压抑制 Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压8.2V,单向玻璃钝化节点瞬变电压抑制 UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 6.8 THRU 200 VOLTS
|
Taiwan Semiconductor Central Semiconductor, Corp. Central Semiconductor Corp. Central Semiconductor C...
|
15KW160 15KW160A 15KW260 15KW260A 15KW240 15KW240A |
160.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 260.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 240.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 220.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 110.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 200.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 280.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 170.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 180.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor
|
MDE Semiconductor
|
HER30-1500G |
Fast Recovery Pack: DO-201AD ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞1500V CURRENT拢潞 3.0A ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE?500V CURRENT 3.0A
|
Gulf Semiconductor
|